Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 9 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 9 Page - Excelliance MOS Corp.

Back Button EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. EM5301F Datasheet HTML 10Page - Excelliance MOS Corp. EM5301F Datasheet HTML 11Page - Excelliance MOS Corp. EM5301F Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2013/5/2
Rev.A.1
9
EM5301F/G
Functional Description
EM5301F/G is a voltage mode synchronous buck
PWM controller. This device provides complete
protection function such as over current protection,
under
voltage
protection
and
over
voltage
protection.
Supply Voltage
The VCC pin provides the bias supply of EM5301F/G
control circuit, as well as lower MOSFET’s gate and
the BOOT voltage for the upper MOSFET’s gate. A
minimum 0.1uF ceramic capacitor is recommended
to bypass the supply voltage.
Power ON Reset
To let EM5301F/G start to operation, VCC voltage
must be higher than its POR voltage even when
REFIN voltage is pulled higher than enable high
voltage. Typical POR voltage is 8.8V.
Shutdown
The COMP/SD pin can be used to enable or disable
EM5301F/G. Pull down COMP/SD pin below 0.2V
can disable the controller.
Soft Start
EM5301F/G provides soft start function internally.
The FB voltage will track the internal soft start
signal, which ramps up from zero during soft start
period.
OCP, Over Current Protection
The over current function protects the converter
from a shorted output by using lower MOSFET’s
on-resistance to monitor the current. The OCP level
can be calculated as the following equation:
DS(ON)
OCP
OCP
R
V
I
=
When OCP is triggered, EM5301F/G will shut down
the converter and cycles the soft start function in a
hiccup mode. If over current condition still exist
after 3 times of hiccup, EM5301F/G will shut down
the controller and latch.
UVP, Under Voltage Protection
The FB voltage is monitored for under voltage
protection. The UVP threshold is typical 0.6V.
When UVP is triggered, EM5301F/G will shut down
the converter and cycles the soft start function in a
hiccup mode.
OVP, Over Voltage Protection
The FB voltage is monitored for over voltage
protection. The OVP threshold is typical 1.04V.
When OVP is triggered, EM5301F/G will turn off
upper MOSFET and turn on lower MOSFET.
Feedback Compensation
Fig.1 shows the voltage mode control loop for a
synchronous-rectified
buck
converter.
The
compensation network consists of the error
amplifier and the impedance networks ZIN and ZFB.
The goal of the compensation network is to
provide a closed loop transfer function with
adequate phase margin.
OSC
Lo
VOUT
Co
ESR
VIN
PHASE
DRIVER
PWM
COMPARATOR
VOSC
ZI
ZFB
REFERENCE
ERROR
AMP
DRIVER
VOUT
ZIN
ZFB
REFERENCE
FB
COMP
C1
R2
C2
C3
R3
R1
Fig.1 Compensation for Voltage Mode Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com