Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 11 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 11 Page - Excelliance MOS Corp.

Back Button EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. EM5301F Datasheet HTML 10Page - Excelliance MOS Corp. EM5301F Datasheet HTML 11Page - Excelliance MOS Corp. EM5301F Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2013/5/2
Rev.A.1
11
EM5301F/G
Power MOSFET Selection
The EM5301F/G requires two N-Channel power
MOSFETs. These should be selected based upon
on-resistance, breakdown voltage, gate supply
requirement,
and
thermal
management
requirements.
In high current applications, the MOSFET power
dissipation, package selection and heat sink are the
dominate design factor. The power dissipation
includes two loss components: conduction loss and
switching loss. The conduction losses are the
largest component of power dissipation for both
the upper and lower MOSFETs. These losses are
distributed between the two MOSFETs according
to duty factor.
The power dissipations in the two MOSFETs are
approximately the following equation:
SW
SW
IN
OUT
DS(ON)
OUT
2
UPPER
t
F
V
I
D
*
R
*
I
PD
*
*
*
*
5
.
0
+
=
D)
-
(1
*
R
*
I
PD
DS(ON)
OUT
2
LOWER
=
Where D is the duty cycle, tSW is the combined
switch ON and OFF time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com