Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. EM5301F Datasheet HTML 10Page - Excelliance MOS Corp. EM5301F Datasheet HTML 11Page - Excelliance MOS Corp. EM5301F Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2013/5/2
Rev.A.1
10
EM5301F/G
The equations below relate the compensation
network’s poles and zeros to the components (R1,
R2, R3, C1, C2 and C3).
1
2
Z1
C
*
R
*
2
1
F
π
=
)
2
1
2
1
2
P1
C
C
C
*
C
(
*
R
*
2
1
F
+
=
π
3
3
1
Z1
C
*
)
R
(R
*
2
1
F
+
=
π
3
3
P2
C
*
R
*
2
1
F
π
=
Fig.2 shows the Bode plot for the control loop. The
compensation
gain
uses
external
impedance
networks ZIN and ZFB to provide a stable loop. A
stable control loop has a gain crossing with
-20db/decade slope and phase margin greater than
45 degrees.
10
100
1K
10K
100K
1M
10M
-60
-40
-20
0
20
40
60
80
100
FLC
FESR
FZ1
FZ2
FP1 FP2
20Log(R2/R1)
20Log(VIN/ VOSC)
Error Amp Open
Loop Gain
Modulator Gain
Close Loop Gain
Compensation
Gain
FREQUENCY(Hz)
Fig.2 Bode Plot of Voltage Mode Buck Converter
Output Inductor Selection
The output inductor is selected to meet the output
voltage ripple requirements and minimize the
response time to the load transient. The inductor
value determines the current ripple and voltage
ripple. The ripple current is approximately the
following equation:
SW
IN
OUT
OUT
IN
L
F
*
V
V
L
V
V
ΔI
=
Output Capacitor Selection
An output capacitor is required to filter the output
and supply the load transient. The selection of
output capacitor depends on the output ripple
voltage. The output ripple voltage is approximately
bounded by the following equation:
)
OUT
SW
L
OUT
C
*
F
*
8
1
(ESR
*
ΔI
ΔV
+
=
Input Capacitor Selection
Use a mix of input bypass capacitors to control the
voltage overshoot across the MOSFET. Use small
ceramic capacitors for high frequency decoupling
and bulk capacitors to supply the current needed
each time the upper MOSFET turn on. Place the
small ceramic capacitors physically close to the
MOSFETs and between the drain of the upper
MOSFET and the source of the lower MOSFET. The
important parameters of the input capacitor are
the voltage rating and the RMS current rating.
The capacitor voltage rating should be at least 1.25
times greater than the maximum input voltage and
a voltage rating of 1.5 times is a conservative
guideline. The RMS current rating requirement can
be expressed as the following equation:
D)
-
D(1
I
I
OUT
RMS
=
For a through hole design, several electrolytic
capacitors may be needed. For surface mount
designs, solid tantalum capacitors can also be used
but caution must be exercised with regard to the
capacitor surge current rating. These capacitors
must be capable of handling the surge current at
power-up. Some capacitor series available from
reputable manufacturers are surge current tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com