Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 25Page - Analog Devices AD9958/PCB Datasheet HTML 26Page - Analog Devices AD9958/PCB Datasheet HTML 27Page - Analog Devices AD9958/PCB Datasheet HTML 28Page - Analog Devices AD9958/PCB Datasheet HTML 29Page - Analog Devices AD9958/PCB Datasheet HTML 30Page - Analog Devices AD9958/PCB Datasheet HTML 31Page - Analog Devices AD9958/PCB Datasheet HTML 32Page - Analog Devices AD9958/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD9958
Rev. 0 | Page 29 of 40
SERIAL I/O PORT
OVERVIEW
The AD9958 serial I/O port offers multiple configurations to
provide significant flexibility. The serial I/O port offers an SPI-
compatible mode of operation that is virtually identical to the
SPI operation found in earlier Analog Devices DDS products.
The flexibility is provided by four data (SDIO_0:3) pins that
allow four programmable modes of serial I/O operation.
Three of the four data pins (SDIO_1:3) can be used for other
functions than serial I/O port operation. These pins can also be
used to initiate a ramp-up or ramp-down (RU/RD) of the 10-bit
amplitude output scalar. In addition, one of these pins
(SDIO_3) can also be used to provide the SYNC_I/O function
that resynchronizes the serial I/O port controller if it is out of
proper sequence.
The maximum speed of the serial I/O port SCLK is 200 MHz,
but the four data (SDIO_0:3) pins can be used to further
increase data throughput. The maximum data throughput using
all SDIO_0:3 pins is 800 Mbps.
Note that both channels share Registers 0x03 to 0x18, which are
shown in the Register Map section. This address sharing
enables both DDS channels to be written to simultaneously. For
example, if a common frequency tuning word is desired for
both channels, it can be written once through the serial I/O port
to both channels. This is the default mode of operation (both
channels enabled). To enable each channel to be independent,
the two channel enable bits found in the channel select register
(CSR) must be used.
There are effectively two sets or copies of addresses (0x03 to
0x18) that channel enable bits can access to provide channel
independence. See the Control Register Descriptions section for
further discussion of programming channels that are common
or independent from each other.
Serial operation of the AD9958 occurs at the register level, not
the byte level. That is, the controller expects that all byte(s)
contained in the register address are accessed. The SYNC_I/O
function can be used to abort an I/O operation, thereby
allowing fewer than all bytes to be accessed. This feature can be
used to program only a part of the addressed register. Note that
only completed bytes are affected.
There are two phases to a serial communications cycle. Phase 1
is the instruction cycle, which writes the instruction byte into
the AD9958. Each bit of the instruction byte is registered on
each corresponding rising edge of SCLK. The instruction byte
defines whether the upcoming data transfer is either a write or
read operation and contains the serial address of the address
register.
Phase 2 of the I/O cycle consists of the actual data transfer
(write/read) between the serial port controller and the serial
port buffer. The number of bytes transferred during this phase
of the communication cycle is a function of the register being
accessed. The actual number of additional SCLK rising edges
required for the data transfer and instruction byte depends on
the number of byte(s) in the register and the serial I/O mode of
operation.
For example, when accessing Function Register 1, (FR1) which
is three bytes wide, Phase 2 of the I/O cycle requires that three
bytes be transferred. After transferring all data bytes per the
instruction byte, the communication cycle is completed for that
register.
At the completion of a communication cycle, the AD9958 serial
port controller expects the next set of rising SCLK edges to be
the instruction byte for the next communication cycle. All data
written to the AD9958 is registered on the rising edge of SCLK.
Data is read on the falling edge of SCLK. See Figure 36 and
Figure 37.
Each set of communication cycles does not require an
I/O_UPDATE to be issued. The I/O_UPDATE transfers data
from the I/O port buffer to active registers. The I/O_UPDATE
can be sent for each communication cycle or can be sent when
all serial operations are complete. However, data is not active
until an I/O_UPDATE is sent, with the exception of the channel
enable bits in the Channel Select Register (CSR). These bits do
not require an I/O_UPDATE to be enabled.
tPRE
tDSU
tSCLK
tSCLKPWL
tSCLKPWH
tDHLD
CS
SCLK
SDIO
SYMBOL
DEFINITION
tPRE
CS SETUP TIME
tSCK
PERIOD OF SERIAL DATACLOCK
tSCLKPWH
SERIAL DATA SETUP TIME
tSCLKPWL
SERIAL DATA CLOCK PULSE WIDTH HIGH
tDHLD
SERIAL DATA CLOCK PULSE WIDTH LOW
tDSU
SERIAL DATA HOLD TIME
MIN
1.0ns
2.2ns
5.0ns
2.2ns
1.6ns
0ns
Figure 40. Setup and Hold Timing for the Serial I/O Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com