Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 20Page - Analog Devices AD9958/PCB Datasheet HTML 21Page - Analog Devices AD9958/PCB Datasheet HTML 22Page - Analog Devices AD9958/PCB Datasheet HTML 23Page - Analog Devices AD9958/PCB Datasheet HTML 24Page - Analog Devices AD9958/PCB Datasheet HTML 25Page - Analog Devices AD9958/PCB Datasheet HTML 26Page - Analog Devices AD9958/PCB Datasheet HTML 27Page - Analog Devices AD9958/PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
AD9958
Rev. 0 | Page 24 of 40
Method two is by setting the CFR <14> bit and issuing an I/O
update. If sweep is enabled and CFR <14> is set, the ramp rate
timer loads the value determined by the profile pin: If the
profile pin is high the ramp rate timer loads the RSRR, if the
profile pin is low the ramp rate timer loads the FSRR.
Frequency Linear Sweep Example: AFP Bits = 10
Modulation level bits = 00, sweep enable = 1, no-dwell bit = 0.
In linear sweep mode, when the profile pin transitions from low
to high, the RDW is applied to the input of the sweep
accumulator and the RSRR register is loaded into the sweep rate
timer.
The RDW accumulates at the rate given by the ramp rate
(RSRR) until the output is equal to the CTW1 register value.
The sweep is then complete and the output is held constant in
frequency.
When the profile pin transitions from high to low, the FDW is
applied to the input of the sweep accumulator and the FSRR
register is loaded into the sweep rate timer.
The FDW accumulates at the rate given by the ramp rate
(FSRR) until the output is equal to the CTW0 register value.
The sweep is then complete and the output is held constant in
frequency.
See Figure 36 for the linear sweep block diagram. Figure 38
depicts a frequency sweep with no-dwell mode disabled. In this
mode, the output follows the state of the profile pin. A phase or
amplitude sweep works in the same manner.
LINEAR SWEEP—NO-DWELL MODE
If the linear sweep no-dwell bit is set (CFR <15>), the rising
sweep is started in an identical manner to the dwell linear
sweep mode. That is, upon detecting Logic 1 on the profile
input pin, the rising sweep action is initiated. The word
continues to sweep up at the rate set by the rising sweep ramp
rate at the resolution set by the rising delta tuning word until it
reaches the terminal value. Upon reaching the terminal value,
the output immediately reverts back to the starting point and
remains until Logic 1 is detected on the profile pin. Figure 37
shows an example of the no-dwell mode. The points labeled “A”
indicate where a rising edge is detected on the profile pin and
the points labeled “B” indicate where the AD9958 has
determined that the output has reached E0 and reverts to S0.
The falling ramp rate register and the falling delta word are
unused in this mode.
RATE TIME
LOAD CONTROL
LOGIC
LIMIT LOGIC TO
KEEP SWEEP BETWEEN
S0 AND E0
RAMP RATE TIMER:
8-BIT LOADABLE DOWN COUNTER
ACCUMULATOR RESET
LOGIC
0
1
MUX
0
1
MUX
0
1
MUX
PROFILE PIN
0
1
8
MUX
0
1
MUX
FDW
RDW
FSRR
RSRR
0
0
32
32
32
32
32
32
32
PROFILE PIN
Z–1
CTW1
SWEEP ACCUMULATOR
SWEEP ADDER
CTW0
Figure 36. Linear Sweep Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com