Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 13Page - Analog Devices AD9958/PCB Datasheet HTML 14Page - Analog Devices AD9958/PCB Datasheet HTML 15Page - Analog Devices AD9958/PCB Datasheet HTML 16Page - Analog Devices AD9958/PCB Datasheet HTML 17Page - Analog Devices AD9958/PCB Datasheet HTML 18Page - Analog Devices AD9958/PCB Datasheet HTML 19Page - Analog Devices AD9958/PCB Datasheet HTML 20Page - Analog Devices AD9958/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD9958
Rev. 0 | Page 17 of 40
THEORY OF OPERATION
DDS CORE
The AD9958 has two DDS cores each consisting of a 32-bit
phase accumulator and phase-to-amplitude converter. Together
these digital blocks generate a digital sine wave when the phase
accumulator is clocked and the phase increment value
(frequency tuning word) is greater than 0. The phase-to-
amplitude converter simultaneously translates phase
information to amplitude information by a COS (θ) operation.
The output frequency (fO) of each DDS channel is a function of
the rollover rate of each phase accumulator. The exact
relationship is given in the following equation:
31
32
2
0
2
)
)(
(
≤
≤
=
FTW
with
f
FTW
f
S
O
where:
fS = the system clock rate.
FTW = the frequency tuning word.
232 represents the phase accumulator’s capacity.
Since both channels share a common system clock, they are
inherently synchronized.
The DDS core architecture also supports the capability to phase
offset the output signal. This is performed by the channel phase
offset word (CPOW). The CPOW is a 14-bit register that stores
a phase offset value. This value is added to the output of the
phase accumulator to offset the current phase of the output
signal. Each channel has its own phase offset word register. This
feature can be used for placing both channels in a known phase
relationship relative to one another. The exact value of phase
offset is given by the following equation:
°
×
⎟
⎠
⎞
⎜
⎝
⎛
=
Φ
360
2
14
POW
D/A CONVERTER
The AD9958 incorporates two 10-bit current output DACs. The
DAC converts a digital code (amplitude) into a discrete analog
quantity. The DAC’s current outputs can be modeled as a
current source with high output impedance (typically 100 kΩ).
Unlike many DACs, these current outputs require termination
into AVDD via a resistor or a center-tapped transformer for
expected current flow.
Each DAC has complementary outputs that provide a combined
full-scale output current (IOUT + IOUTB). The outputs always sink
current and their sum equals the full-scale current at any point
in time. The full-scale current is controlled by means of an
external resistor (RSET) and the scalable DAC current control
bits discussed in the Modes of Operation section. The resistor
RSET is connected between the DAC_RSET pin and analog
ground (AGND). The full-scale current is inversely
proportional to the resistor value as follows:
OUT
SET
I
R
91
.
18
=
The maximum full-scale output current of the combined DAC
outputs is 15 mA, but limiting the output to 10 mA provides
optimal spurious-free dynamic range (SFDR) performance. The
DAC output voltage compliance range is AVDD + 0.5 V to
AVDD − 0.5 V. Voltages developed beyond this range can cause
excessive harmonic distortion. Proper attention should be paid
to the load termination to keep the output voltage within its
compliance range. Exceeding this range could potentially
damage the DAC output circuitry.
DAC
LPF
IOUT
AVDD
1:1
50
Ω
IOUT
Figure 31. Typical DAC Output Termination Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com