Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 8Page - Analog Devices AD9958/PCB Datasheet HTML 9Page - Analog Devices AD9958/PCB Datasheet HTML 10Page - Analog Devices AD9958/PCB Datasheet HTML 11Page - Analog Devices AD9958/PCB Datasheet HTML 12Page - Analog Devices AD9958/PCB Datasheet HTML 13Page - Analog Devices AD9958/PCB Datasheet HTML 14Page - Analog Devices AD9958/PCB Datasheet HTML 15Page - Analog Devices AD9958/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9958
Rev. 0 | Page 12 of 40
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 1.1MHz
SPAN 1MHz
100kHz/DIV
DELTA 1 (T1)
–84.73dB
254.50901604kHz
RBW
500Hz
RF ATT
20dB
VBW
500Hz
SWT
20s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 12. fOUT = 1.1 MHz, fCLK = 500 MSPS, NBSFDR, ±1 MHz
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 40.1MHz
SPAN 1MHz
100kHz/DIV
DELTA 1 (T1)
–84.10dB
120.24048096kHz
RBW
500Hz
RF ATT
20dB
VBW
500Hz
SWT
20s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 13. fOUT = 40.1 MHz, fCLK = 500 MSPS, NBSFDR, ±1 MHz
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 100.3MHz
SPAN 1MHz
100kHz/DIV
DELTA 1 (T1)
–82.63dB
400.80160321kHz
RBW
500Hz
RF ATT
20dB
VBW
500Hz
SWT
20s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 14. fOUT = 100.3 MHz, fCLK = 500 MSPS, NBSFDR, ±1 MHz
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 15.1MHz
SPAN 1MHz
100kHz/DIV
DELTA 1 (T1)
–84.86dB
–200.40080160kHz
RBW
500Hz
RF ATT
20dB
VBW
500Hz
SWT
20s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 15. fOUT = 15.1 MHz, fCLK = 500 MSPS, NBSFDR, ±1 MHz
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 75.1MHz
SPAN 1MHz
100kHz/DIV
DELTA 1 (T1)
–86.03dB
262.56513026kHz
RBW
500Hz
RF ATT
20dB
VBW
500Hz
SWT
20s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 16. fOUT = 75.1 MHz, fCLK = 500 MSPS, NBSFDR, ±1 MHz
0
–100
–10
–20
–30
–40
–50
–60
–70
–80
–90
CENTER 200.3MHz
SPAN 1MHz
100kHz/DIV
DELTA 1 (T1)
–83.72dB
–400.80160321kHz
RBW
500Hz
RF ATT
20dB
VBW
500Hz
SWT
20s
UNIT
dB
REF LVL
0dBm
A
1AP
1
1
Figure 17. fOUT = 200. 3MHz, fCLK = 500 MSPS, NBSFDR, ±1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com