Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 34 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 30Page - Analog Devices AD9958/PCB Datasheet HTML 31Page - Analog Devices AD9958/PCB Datasheet HTML 32Page - Analog Devices AD9958/PCB Datasheet HTML 33Page - Analog Devices AD9958/PCB Datasheet HTML 34Page - Analog Devices AD9958/PCB Datasheet HTML 35Page - Analog Devices AD9958/PCB Datasheet HTML 36Page - Analog Devices AD9958/PCB Datasheet HTML 37Page - Analog Devices AD9958/PCB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD9958
Rev. 0 | Page 34 of 40
CONTROL REGISTER MAP
REGISTER MAPS
Table 27.
Register
Name
(Address)
Bit
Range
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
Channel
Select
Register
(CSR)
(0x00)
<7:0>
Channel 1
enable1
Channel 0
enable
1
Open
Open
Must be
0
Serial I/0 mode select <2:1>
LSB first
0xF0
Function
Register 1
(FR1)
(0x01)
<7:0>
Reference clock
input power
down
External power
down mode
Sync clock
disable
DAC reference
power down
Open
Open
Manual
hardware
synchronization
Manual
software
synchronization
0x00
<15:8>
Open
Profile pin configuration <14:12>
Ramp up/ramp
down <11:10>
Modulation Level <9:8>
0x00
<23:16>
VCO gain
control
PLL divider ratio <22:18>
Charge pump control <17:16>
0x00
Function
Register
Two (FR2)
(0x02)
<7:0>
Multi-device
synchronization
slave enable
Multi-device
synchronization
master enable
Multi-device
synchronization
status
Multi-device
synchronization
mask
Open <3:2>
System clock offset <1:0>
0x00
<15:8>
Both channels
auto clear
sweep
accumulator
Both channels
clear sweep
accumulator
Both channels
auto clear
phase
accumulator
Both channels
clear phase
accumulator
Open <11:10>
Open <9:8>
0x00
1 Channel enable bits do not require an I/O update to be activated. These bits are active immediately after the byte containing the bits is written. All other bits need an
I/O update to become active. The two channel enable bits shown in the register map are used to enable/disable any combination of the four channels. Both channels’
default are enabled.
In the CSR register, if the user wants different frequencies for both DDS channels, the following protocol suffices.
1.
Enable (Logic 1) the CH0 bit, which is located in the channel select register and disable the CH1 enable bit (Logic 0).
2.
Write the desired frequency tuning word for CH0, as described in Step 1.
3.
Disable CH0 enable bit (Logic 0) and enable the CH1 bit in the channel select register.
4.
Write the desired frequency tuning word for CH1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com