Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 16Page - Analog Devices AD9958/PCB Datasheet HTML 17Page - Analog Devices AD9958/PCB Datasheet HTML 18Page - Analog Devices AD9958/PCB Datasheet HTML 19Page - Analog Devices AD9958/PCB Datasheet HTML 20Page - Analog Devices AD9958/PCB Datasheet HTML 21Page - Analog Devices AD9958/PCB Datasheet HTML 22Page - Analog Devices AD9958/PCB Datasheet HTML 23Page - Analog Devices AD9958/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
AD9958
Rev. 0 | Page 20 of 40
REF_CLK
PIN 23
25MHz
XTAL
REF_CLK
PIN 22
22pF
22pF
Figure 34.
SCALABLE DAC REFERENCE CURRENT CONTROL
MODE
The RSET is common to both DACs. As a result, the full-scale
currents are equal as a default. The scalable DAC reference can
be used to set each DAC’s full-scale current independently from
one another. This is accomplished by using the CFR register bits
<9:8>. Table 5 shows how each DAC can be individually scaled
for independent channel control. This provides for binary
attenuation.
Table 5.
CFR <9:8>
LSB Current State
1
1
Full scale
0
1
Half scale
1
0
Quarter scale
0
0
Eighth scale
POWER-DOWN FUNCTIONS
The AD9958 supports an externally controlled power-down
feature and the more common software programmable power-
down bits found in previous Analog Devices DDS products.
The software control power down allows the input clock
circuitry, DAC, and the digital logic (for each separate channel)
to be individually powered down via unique control bits
(CFR <7:6>). These bits are not active when the externally
controlled power-down pin (PWR_DWN_CTL) is high. When
the PWR_DWN_CTL input pin is high, the AD9958 enters a
power-down mode based on the FR1 <6> bit. When the
PWR_DWN_CTL input pin is low, the external power-down
control is inactive.
When the FR1 <6> bit is zero, and the PWR_DWN_CTL input
pin is high, the AD9958 is put into a fast recovery power-down
mode. In this mode, the digital logic and the DACs digital logic
are powered down. The DACs bias circuitry, oscillator, and
clock input circuitry is not powered down.
When the FR1 <6> bit is high and the PWR_DWN_CTL pin is
high, the AD9958 is put into the full power-down mode. In this
mode, all functions are powered down. This includes the DACs
and PLL, which take a significant amount of time to power up.
When the PLL is bypassed, the PLL is shut down to conserve
power.
When the PWR_DWN_CTL input pin is high, the individual
power down bits (CFR <7:6>) and FR1 <7>) are invalid (don’t
care) and are unused. When the PWR_DWN_CTL input pin is
low, the individual power-down bits control the power-down
modes of operation.
Note that the power-down signals are all designed such that a
Logic 1 indicates the low power mode and Logic 0 indicates the
powered-up mode.
MODULATION MODE
The AD9958 can perform 2-/4-/8- or 16-level modulation of
frequency, phase, or amplitude (FSK, PSK, ASK). Modulation is
achieved by applying data to the profile pins. Each channel can
be programmed separately, but the ability to modulate both
channels simultaneously is constrained by the limited number
of profile pins. For instance, 16-level modulation uses all four
profile pins, which inhibits modulation for the remaining
channel.
In addition, the AD9958 has the ability to ramp up or ramp
down the output amplitude before, during, or after a
modulation (FSK, PSK only) sequence. This is performed by
using the 10-bit output scalar. If the RU/RD feature is desired,
unused profile pins or unused SDIO_1:3 pins can be configured
to initiate the operation. See the Output Amplitude Control
Mode section for more details of the RU/RD feature.
In modulation mode, each channel has its own set of control
bits to determine the type (frequency, phase, or amplitude) of
modulation. Each channel has 16 profile registers for flexibility.
Register Addresses 0x0A through 0x18 are profile registers for
modulation of frequency, phase, or amplitude. Registers 0x04,
0x05, and 0x06 are dedicated registers for frequency, phase, and
amplitude, respectively. These registers contain the first
frequency, phase offset, and amplitude word.
Frequency modulation has a 32-bit resolution, phase modula-
tion is 14 bits, and amplitude is 10 bits. When modulating phase
or amplitude, the word value must be MSB-aligned in the
profile registers and the unused bits are don’t care bits.
In modulation mode, AFP bits (CFR <23:22>) and level bits
(FR1 <9:8>) are programmed to configure the modulation type
and level. See Table 6 and Table 7 settings. Note that the linear
sweep enable bit must be set to Logic 0 in direct modulation
mode.
Table 6.
AFP CFR
<23:22>
Linear Sweep
Enable CFR <14>
Description
0
0
X
Modulation disabled
0
1
0
Amplitude modulation
1
0
0
Frequency modulation
1
1
0
Phase modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com