Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 31Page - Analog Devices AD9958/PCB Datasheet HTML 32Page - Analog Devices AD9958/PCB Datasheet HTML 33Page - Analog Devices AD9958/PCB Datasheet HTML 34Page - Analog Devices AD9958/PCB Datasheet HTML 35Page - Analog Devices AD9958/PCB Datasheet HTML 36Page - Analog Devices AD9958/PCB Datasheet HTML 37Page - Analog Devices AD9958/PCB Datasheet HTML 38Page - Analog Devices AD9958/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD9958
Rev. 0 | Page 35 of 40
CHANNEL REGISTER MAP
Table 28.
Register Name
(Address)
Bit
Range
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Defaul
t Value
Channel
Function1 (CFR)
(0x03)
<7:0>
Digital power-
down
DAC
power
down
Matched
pipe delays
active
Auto clear
sweep
accumulator
Clear sweep
accumulator
Auto clear
phase
accumulator
Clear phase
accumulator2
Sine
wave
output
enable
0x02
<15:8>
Linear sweep
no-dwell
Linear
sweep
enable
Load SRR
at I/O
Update
Open
Open
Must be 0
DAC full-scale current
control <9:8>
0x03
<23:16>
Amplitude freq. phase
select <23:22>
Open <21:16>
0x00
<7:0>
Frequency Tuning Word 0 <7:0>
0x00
<15:8>
Frequency Tuning Word 0 <15:8>
<23:16>
Frequency Tuning Word 0 <23:16>
Channel
Frequency Tuning
Word 01 (CTW0)
(0x04)
<31:24>
Frequency Tuning Word 0 <31:24>
<7:0>
Phase Offset Word 0
0x00
Channel Phase1
Offset Word 0
(CPW0) (0x05)
<15:8>
Open <15:14>
Phase Offset Word 0 <13:8>
0x00
<7:0>
Amplitude scale factor
0x00
<15:8>
Increment/decrement
step size <15:14>
Open
Amplitude
multiplier
enable
Ramp-up/
ramp-down
enable
Load ARR at I/O
update
Amplitude scale
factor <9:8>
0x00
Amplitude
Control (ACR)
(0x06)
<23:16>
Amplitude ramp rate <23:16>
–
<7:0>
Linear sweep rising ramp rate (RSRR) <7:0>
–
Linear Sweep
Ramp Rate1 (LSR)
(0x07)
<15:8>
Linear sweep falling ramp rate (FSRR) <15:8>
–
LSR Rising Delta1
(RDW) (0x08)
<7:0>
Rising delta word <7:0>
–
<15:8>
Rising delta word <15:8>
–
<23:16>
Rising delta word <23:16>
–
<31:24>
Rising delta word <31:24>
–
LSR Falling Delta1
(FDW) (0x09)
<7:0>
Falling delta word <7:0>
–
<15:8>
Falling delta word <15:8>
–
<23:16>
Falling delta word <23:16>
–
<31:24>
Falling delta word <31:24>
–
1 There are two sets of channel registers and profile registers, one per channel. This is not shown in the channel or profile register maps because the addresses of all
channel registers and profile registers are the same for each channel. Therefore, the channel enable bits determine if the channel’s channel registers and/or profile
registers are written to or not.
2 The clear accumulator bit is set to Logic 1 after a master reset. It self clears or is set to Logic 0 when an I/O update is asserted.
PROFILE REGISTER MAP
Table 29.
Register Name (address)
Bit Range
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
Channel Word 1 (CTW1) (0x0A)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 2 (CTW2) (0x0B)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 3 (CTW3) (0x0C)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 3 (CTW4) (0x0D)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 5 (CTW5) (0x0E)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 6 (CTW6) (0x0F)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 7 (CTW7) (0x10)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 8 (CTW8) (0x11)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 9 (CTW9) (0x12)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 10 (CTW10) (0x13)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 11 (CTW11) (0x14)
<31:0>
Freq. Tuning Word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 12 (CTW12) (0x15)
<31:0>
Freq. Tuning Word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 13 (CTW13) (0x16)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 14 (CTW14) (0917)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–
Channel Word 15 (CTW15) (0x18)
<31:0>
Freq. tuning word <31:0> or phase word <31:18> or amplitude word <31:22>
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com