Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9958/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9958/PCB
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9958/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9958/PCB Datasheet HTML 6Page - Analog Devices AD9958/PCB Datasheet HTML 7Page - Analog Devices AD9958/PCB Datasheet HTML 8Page - Analog Devices AD9958/PCB Datasheet HTML 9Page - Analog Devices AD9958/PCB Datasheet HTML 10Page - Analog Devices AD9958/PCB Datasheet HTML 11Page - Analog Devices AD9958/PCB Datasheet HTML 12Page - Analog Devices AD9958/PCB Datasheet HTML 13Page - Analog Devices AD9958/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD9958
Rev. 0 | Page 10 of 40
Pin No.
Mnemonic
I/O
Description
24
CLK_MODE_SEL
I
Control Pin for the Oscillator Section. CAUTION: Do not drive this pin beyond 1.8 V.
When high (1.8 V), the oscillator section is enabled to accept a crystal as the
REF_CLK source. When low, the oscillator section is bypassed.
27
LOOP_FILTER
I
Connects to the external zero compensation network of the PLL loop filter.
Typically the network consists of a 0 Ω resistor in series with a 680 pF capacitor tied
to AVDD.
28, 32, 34, 38
NC
-
No Connection.
40, 41,42,43
P0, P1, P2, P3
I
Data pins used for modulation (FSK, PSK, ASK), start/stop for the sweep
accumulators or are used to ramp up/down the output amplitude. Note the
SYNC_CLK must be enabled in these modes. Any toggle of these data inputs is
equivalent to an I/O_UPDATE. The data is synchronous to the SYNC_CLK (Pin 54).
The data inputs must meet the set-up and hold time requirements to the
SYNC_CLK. This guarantees a fixed pipeline delay of data to the DAC output;
otherwise, a ±1 SYNC_CLK period of uncertainty exists. The functionality of these
pins is controlled by profile pin configuration (PPC) bits in Register FR1 <12:14>.
46
I/O_UPDATE
I
A rising edge transfers data from the serial I/O port buffer to active registers.
I/O_UPDATE is synchronous to the SYNC_CLK (Pin 54). I/O_UPDATE must meet the
set-up and hold time requirements to the. SYNC_CLK to guarantee a fixed pipeline
delay of data to DAC output. If not, a ±1 SYNC_CLK period of uncertainty exists.
The minimum pulse width is one SYNC_CLK period.
47
CS
I
Active low chip select allowing multiple devices to share a common I/O bus (SPI).
48
SCLK
I
Serial Data Clock for I/O Operations. Data bits are written on the rising edge of
SCLK and read on the falling edge of SCLK.
49
DVDD_I/O
I
3.3 V Digital Power Supply for SPI Port and Digital I/O.
50
SDIO_0,
I/O
Data Pin SDIO_0 is dedicated to the Serial Port I/O only.
51 52, 53
SDIO_1 SDIO_2,
SDIO_3
I/O
Data Pins SDIO_1:3 can be used for the serial port I/O port or used to initiate a
ramp up/down (RU/RD) of the DAC output amplitude.
54
SYNC_CLK
O
The SYNC_CLK runs at one fourth the system clock rate. It can be disabled.
I/O_UPDATE or data (Pins 40 to 43) is synchronous to the SYNC_CLK. To guarantee
a fixed pipeline delay of data to DAC output, I/O_UPDATE or data (Pins 40 to 43)
must meet the set-up and hold time requirements to the rising edge of SYNC_CLK.
If not, a ±1 SYNC_CLK period of uncertainty exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com