Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 19 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 19 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 19 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
In OOK mode, the phase difference between the I and Q channels is kept constant (independent of the transmitted
data). Thus, the first stage of up-conversion creates a fixed frequency signal at the low IF = Fdev (This explains
why the transmitted OOK spectrum is offset by Fdev).
OOK Modulation is accomplished by switching on and off the PA and PA regulator stages. By convention:
After the interpolation filters, a set of four mixers combines the I and Q signals and converts them into a pair of
complex signals at the second intermediate frequency, equal to 1/8 of the LO frequency, or 1/9 of the RF
frequency. These two new I and Q signals are then combined and up-converted to the final RF frequency by two
quadrature mixers fed by the LO signal. The signal is pre-amplified, and then the transmitter output is driven by a
final power amplifier stage.
3.3.2. Bit Rate Setting
In Continuous transmit mode, setting the Bit Rate is useful to determine the frequency of DCLK. As explained in
section 5.3.2, DCLK will trigger an interrupt on the uC each time a new bit has to be transmitted.
3.3.3. Alternative Settings
Bit rate, frequency deviation and TX interpolation filter settings are a function of the reference oscillator crystal
frequency, FXTAL. Settings other than those programmable with a 12.8 MHz crystal can be obtained by selection of
the correct reference oscillator frequency.
3.3.4. Fdev Setting in FSK Mode
The frequency deviation, Fdev, of the FSK transmitter is programmed through bits MCParam_Freq_dev:
It should be noted that for communications between a pair of RF64s, that Fdev should be at least 33 kHz to ensure
a correct operation on the receiver side.
3.3.5. Fdev Setting in OOK Mode
Fdev has no physical meaning in OOK transmit mode. However, as has been shown - due to the DDS baseband
signal generation, the OOK signal is always offset by
“-Fdev” (see formulas is section 3.2.8). It is suggested that
Fdev retains its default value of 100 kHz in OOK mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com