Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 49 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 49 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 49 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.5. Packet Mode
5.5.1. General Description
Similar to Buffered mode operation, in Packet mode the NRZ data to (from) the (de)modulator is not directly
accessed by the uC but stored in the FIFO and accessed via the SPI Data interface.
In addition, the RF64
‟s packet handler performs several packet oriented tasks such as Preamble and Sync word
generation, CRC calculation/check, whitening/dewhitening of data, address filtering, etc. This simplifies still further
software and reduces uC overhead by performing these repetitive tasks within the RF chip itself.
Another important feature is ability to fill and empty the FIFO in Stby mode, ensuring optimum power consumption
and adding more flexibility for the software.
RF64
CONTROL
IRQ_0
IRQ_1
Data
Rx
SYNC
RECOG.
Tx
PACKET
HANDLER
FIFO
(+SR)
SPI
CONFIG
DATA
NSS_CONFIG
NSS_DATA
SCK
MOSI
MISO
Datapath
Figure 42: Packet Mode Conceptual View
Note that Bit Synchronizer and Sync word recognition are automatically enabled in Packet mode.
5.5.2. Packet Format
Two
types
of
packet
formats
are
supported:
fixed
length
and
variable
length,
selectable
by
the
PKTParam_Pkt_format bit. The maximum size of the payload is limited by the size of the FIFO selected (16, 32, 48
or 64 bytes).
5.5.2.1. Fixed Length Packet Format
In applications where the packet length is fixed in advance, this mode of operation may be of interest to minimize
RF overhead (no length byte field is required). All nodes, whether Tx only, Rx only, or Tx/Rx should be
programmed with the same packet length value.
The length of the payload is set by the PKTParam_Payload_length register and is limited by the size of the FIFO
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com