Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 37 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 37 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 37 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NSS_CONFIG (In)
SCK (In)
MOSI (In)
start
rw
A(4) A(3) A(2) A(1)
Address = A1
A(0) stop
x
x
x
x
x
x
x
x
Current value at
address A1
MISO (Out)
HZ
x
x
x
x
x
x
x
x
D(7) D(6) D(5) D(4) D(3) D(2) D(1)
D(0)
HZ
Figure 28: Read Register Sequence
Note that when reading more than one register successively, it is not compulsory to toggle NSS_CONFIG back
high between two read sequences. The bytes are alternatively considered as address and value.
5.2.1.3. SPI Data
 Write Byte (before/during Tx)
To write bytes into the FIFO the timing diagram below should be carefully followed by the uC.
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
NSS_DATA (In)
SCK (In)
1
st byte written
2
nd byte written
MOSI (In)
D1(7)
D1(6)
D1(5)
D1(4)
D1(3)
D1(2)
D1(1)
x
D1(0)
D2(7)
D2(6)
D2(5)
D2(4)
D2(3)
D2(2)
D2(1)
D2(0)
MISO (Out) HZ
x
x
x
x
x
x
x
x
HZ
x
x
x
x
x
x
x
x
x
HZ
Figure 29: Write Bytes Sequence (ex: 2 bytes)
Note that it is compulsory to toggle NSS_DATA back high between each byte written.
The byte is pushed into the FIFO on the rising edge of NSS_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com