Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 5 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 5 Page - HOPE Microelectronics CO., Ltd.

  RF64W Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 5 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
This product datasheet contains a detailed description of the RF64 performance and functionality.
1. General Description
The RF64 is a single chip FSK and OOK transceiver capable of operation in the 300 to 510MHz license free ISM
frequency bands. It complies with both the relevant European and North American standards, EN 300-220 V2.1.1
(June 2006 release) and FCC Part 15 (10-1-2006 edition). A unique feature of this circuit is its extremely low
current consumption in receiver mode of only 3mA (typ).
The RF64 comes in a 5x5 mm TQFN-32 package.
1.1. Simplified Block Diagram
Figure 1: RF64 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com