Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 31 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 31 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 31 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3.4.10.3. Alternative OOK Demodulator Threshold Modes
In addition to the Peak OOK threshold mode, the user can alternatively select two other types of threshold
detectors:
In the first example, the higher cut-off frequency enables a sequence of up to 8 consecutive
“0” or “1” to be
supported, whilst the lower cut-off frequency presented in the second example allows for the correct reception of up
to 32 consec
utive “0” or “1”.
3.4.11. Bit Synchronizer
The Bit Synchronizer (BitSync) is a block that provides a clean and synchronized digital output, free of glitches.
Raw demodulator
output
(FSK or OOK)
BitSync Output To
pin DATA and
DCLK in continuous
mode
DATA
DCLK
IRQ_1
Figure 24: BitSync Description
The BitSync can be disabled through the bits RXParam_Bitsync_off, and by holding pin IRQ1 low. However, for
optimum receiver performance, its use when running Continuous mode is strongly advised. With this option a
DCLK signal is present on pin IRQ_1.
The BitSync is automatically activated in Buffered and Packet modes. The bit synchronizer bit-rate is controlled by
MCParam_BR. For a given bit rate, this parameter is determined by:
BR 
F
XTAL
64 *
1 MCParam _ BR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com