Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 25 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 25 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 25 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
As can be seen from Figure 17, the required bandwidth of this filter varies between the two demodulation modes.
 FSK mode: The 99% energy bandwidth of an FSK modulated signal is approximated to be:
The bits RXParam_ButterFilt set fc, the cutoff frequency of the filter. As we are in a Zero-IF configuration, the FSK
lobes are centered around the virtual
“DC” frequency. The choice of fc should be such that the modulated signal
falls in the filter bandwidth, anticipating the Local Oscillator frequency drift over the operating temperature and
aging of the device:
2 * fc  BW
99%,FSK  LOdrifts
Please refer to the charts in section 3.4.5 for an accurate overview of the filter bandwidth vs. setting.
ƒ
OOK mode: The 99% energy bandwidth of an OOK modulated signal is approximated to be:
BW
99%,OOK
2
Tbit
 2.BR
The bits RXParam_PolypFilt_center set fo, the center frequency of the polyphase filter when activated. fo should
always be chosen to be equal to the low Intermediate Frequency of the receiver (IF2). This is why, in the GUI
described in section 7.2.1 of this document, the low IF frequency of the OOK receiver denoted IF2 has been
replaced by fo.
The following setting is recommended:
The value stored in RXParam_ButterFilt determines fc, the filter cut-off frequency. So the user should set fc
according to:
Again, fc as a function of RXParam_ButterFilt is given in the section 3.4.6.
3.4.5. Channel Filters Setting in FSK Mode
Fc, the 3dB cutoff frequency of the Butterworth filter used in FSK reception, is programmed through the bit
RXParam_ButterFilt. However, the whole receiver chain influences this cutoff frequency. Thus the channel select
and resultant filter bandwidths are summarized in the following chart:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com