Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 39 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 39 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 39 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.2.2.3. Interrupt Sources and Flags
All interrupt sources and flags are configured in the IRQParam section of the configuration register, with the
exception of Fifo_threshold :
 /Fifoempty: /Fifoempty interrupt source is low when byte 0, i.e. whole FIFO, is empty. Otherwise it is high.
 Write_byte: Write_byte interrupt source goes high for 1 bit period each time a new byte is transferred from the
SR to the FIFO (i.e. each time a new byte is received)
 Fifofull: Fifofull interrupt source is high when the last FIFO byte, i.e. the whole FIFO, is full. Otherwise it is low.
 Fifo_overrun_clr: Fifo_overrun_clr flag is set when a new byte is written by the user (in Tx or Standby modes)
or the SR (in Rx mode) while the FIFO is already full. In this case, data is lost and the flag should be cleared by
writing a 1. The bit can also be used anytime to clear FIFO and relaunch a new Rx or Tx process
 Tx_done: Tx_done interrupt source goes high when FIFO is empty and the
SR‟s last bit has been send to the
modulator (i.e. the last bit of the packet has been sent). One bit period delay is required after the rising edge of
Tx_done to ensure correct RF transmission of the last bit. In practice this may not require special care in the uC
software due to IRQ processing time.
 Fifo_threshold: Fifo_threshold interrupt sou
rce‟s behavior can be programmed via MCParam_Fifo_thresh (B
value). This behavior is illustrated in Figure 32.
IRQ source
1
0
B
B+1
# of bytes in FIFO
Figure 32: FIFO Threshold IRQ Source Behavior
5.2.2.4. FIFO Clearing
Table 16 below summarizes the status of the FIFO when switching between different modes
Table 16: Status of FIFO when Switching Between Different Modes of the Chip
From
To
FIFO Status
Comments
Stby
Tx
Cleared
In Buffered mode, FIFO cannot be written in Stby before Tx
Not cleared
In Packet mode, FIFO can be written in Stby before Tx
Stby
Rx
Cleared
Rx
Tx
Cleared
Rx
Stby
Not cleared
In Packet & Buffered modes FIFO can be read in Stby after Rx
Tx
Rx
Cleared
Tx
Stby
Not cleared
Any
Sleep
Cleared
5.2.3. Sync Word Recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com