Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF64W Datasheet(PDF) 22 Page - HOPE Microelectronics CO., Ltd.

Part # RF64W
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W Datasheet(HTML) 22 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 22 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Reg_PA
Rx_on
PA
LNA
3.3.7.3. Suggested PA Biasing and Matching
The recommended PA bias and matching circuit is illustrated below:
VR_PA
47nF
100nH
PA
RFIO
SAW
DC block
Antenna
port
Low-pass and DC block
Figure 12: Recommended PA Biasing and Output Matching
Please refer to section 7.5.3 of this document for the optimized matching arrangement for each frequency band.
3.3.8. Common Input and Output Front-End
The receiver and the transmitter share the same RFIO pin (pin 32). Figure 13 below shows the configuration of the
common RF front-end.
In transmit mode, the PA and the PA regulator are active, with the voltage on the VR_PA pin equal to the
nominal voltage of the regulator (1.8 V). The external inductance is used to bias the PA.
In receive mode, both PA and PA regulator are off and VR_PA is tied to ground. The external inductance LT1
is then used to bias the LNA.
VR_PA
To
RFIO
Figure 13: Front-end Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com