Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

Back Button FR9855 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
Electrical Characteristics
(VIN=12V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIN Quiescent Current
IDDQ
H N=5V, VFB=1V
0.6
1
mA
VIN Shutdown Supply Current
ISD
H N=0V
1
10
μA
Feedback Voltage
VFB
4.5V≦VIN≦18V
0.75
0.765
0.78
V
Feedback Input Current
IFB
VFB=1V
0.01
0.1
μA
High-Side MOSFET RDS(ON)
RDS(ON)
70
mΩ
Low-Side MOSFET RDS(ON)
RDS(ON)
38
mΩ
Current Limit
(Note 3)
ILIMIT
6.8
A
On Time
(Note 3)
TON
VIN=12V, VOUT=1.05V
155
ns
Minimum Off Time
TOFF(MIN)
VFB=0.6V
250
ns
Input Supply Voltage UVLO Threshold
VUVLO(Vth)
VIN Rising
4.3
V
UVLO Threshold Hysteresis
VUVLO(HYS)
0.35
V
Soft Start Charge Current
ISS
VSS=0V
6
μA
H N Input Low Voltage
H N(L
0.5
V
H N Input High Voltage
H N(H
1.5
V
REG Output Voltage
VREG
6V≦VIN≦18V, TDFN-10
4.1
V
REG Output Current
IREG
VREG=4.1V, TDFN-10
10
mA
Power Good Threshold
(Note 3)
VPG
VFB Rising, SOP8-EP
90
%
VFB Falling, SOP8-EP
85
Power Good Sink Current
IPG
VPG=0.5V, SOP8-EP
4
mA
Thermal Shutdown Threshold
(Note 3)
TSD
160
°C
Thermal Shutdown Hysteresis
(Note 3)
THYS
30
°C
Note 3:Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com