Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 13 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 13 Page - Fitipower Integrated Technology Inc.

Back Button FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 16Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
Application Information (Continued)
R PPL (
R
O T
FO C L
1
O T
N
R
R PPL (
L
L
L
L
N
R PPL (C
O T
F
O C2
L CO T
1
O T
N
Where FOSC is the switching frequency, L is the
inductance value, VIN is the input voltage, ESR is the
equivalent series resistance value of the output
capacitor, ESL is the equivalent series inductance
value of the output capacitor and the COUT is the
output capacitor.
Low
ESR
capacitors
are
preferred
to
use.
Ceramic, tantalum or low ESR electrolytic capacitors
can be used depending on the output ripple
requirement. When using the ceramic capacitors,
the ESL component is usually negligible.
It is important to use the proper method to eliminate
high frequency noise when measuring the output
ripple. The figure shows how to locate the probe
across the capacitor when measuring output ripple.
Removing the scope probe plastic jacket in order to
expose the ground at the tip of the probe. It gives a
very short connection from the probe ground to the
capacitor and eliminating noise.
Inductor Selection
The output inductor is used for storing energy and
filtering output ripple current. But the trade-off
condition often happens between maximum energy
storage and the physical size of the inductor. The
first consideration for selecting the output inductor is
to make sure that the inductance is large enough to
keep the converter in the continuous current mode.
That will lower ripple current and result in lower
output
ripple
voltage.
The
Δ
L
is
inductor
peak-to-peak ripple current:
L
O T
FO C L
1
O T
N
A good compromise value between size and
efficiency is to set the peak-to-peak inductor ripple
current Δ
L
equal to 30% of the maximum load
current. But setting the peak-to-peak inductor ripple
current
Δ
L between 20%~50% of the maximum load
current is also acceptable. Then the inductance can
be calculated with the following equation:
L 0.3
O T(MA
L
N
O T
O T
N FO C
L
External Diode Selection
For 5V input applications, it is recommended to add
an external boost diode. This helps improving the
efficiency. The boost diode can be a low cost one
such as 1N4148.
FR9855
VIN
5V
BST
VIN
LX
D1
1N4148
C3
REG Capacitor Selection
Connect a 1uF ceramic capacitor between the REG
and GND, This helps stabilize the internal regulator
voltage.
Ceramic Capacitor
VOUT
GND
Probe Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com