Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FR9855 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
Typical Performance Curves
VIN=12V, VOUT=1.2V, C1=10μFx2, C7=22μFx2, L1=1.5μH, TA=+25°C, unless otherwise noted. This is measured by using
FR9855SP.
VOUT=1.05V
VOUT=1.2V
Figure 5. Efficiency vs. Load Current
Figure 6. Efficiency vs. Load Current
VOUT=3.3V
VOUT=5V
Figure 7. Efficiency vs. Load Current
Figure 8. Efficiency vs. Load Current
Figure 9. Feedback Voltage vs. Ambient Temperature
Figure 10. Feedback Voltage vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
VIN=5V
VIN=12V
VIN=18V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
VIN=5V
VIN=12V
VIN=18V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
VIN=5V
VIN=12V
VIN=18V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
Load Current (A)
VIN=12V
VIN=18V
750
755
760
765
770
775
780
-45 -35 -25 -15 -5
5 15 25 35 45 55 65 75 85
Ambient Temperature (°C)
750
755
760
765
770
775
780
5
7
9
11
13
15
17
19
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com