Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FR9855 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
Typical Performance Curves (Continued)
VIN=12V, VOUT=1.2V, C1=10μFx2, C7=22μFx2, L1=1.5μH, TA=+25°C, unless otherwise noted. This is measured by using
FR9855SP.
Figure 11. Quiescent Current vs. Ambient Temperature
Figure 12. Quiescent Current vs. Input Voltage
Figure 13. Shutdown Current vs. Ambient Temperature
Figure 14. Shutdown Current vs. Input Voltage
VIN=12V, V
=2V VOUT=1V, L=1.5μH
VIN=12V, V
=2V VOUT=5V, L=3.3μH
Figure 15. Switch Frequency vs. Load Current
Figure 16. Switch Frequency vs. Load Current
0
0.2
0.4
0.6
0.8
1
-45 -35 -25 -15 -5
5
15 25 35 45 55 65 75 85
Ambient Temperature (°C)
0
0.2
0.4
0.6
0.8
1
5
7
9
11
13
15
17
19
Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
-45 -35 -25 -15 -5
5
15 25 35 45 55 65 75 85
Ambient Temperature (°C)
0
0.2
0.4
0.6
0.8
1
5
7
9
11
13
15
17
19
Input Voltage (V)
400
450
500
550
600
650
700
750
800
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Load Current (A)
300
350
400
450
500
550
600
650
700
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Load Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com