Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FR9855 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
18V, 5.5A Synchronous Step-Down
DC/DC Converter
Pin Assignments
SP Package (SOP-8 Exposed Pad)
SS
VIN
FB
PG
GND
2
3
4
6
5
7
8
1
BST
LX
SHDN
9
GND
DA Package (TDFN-10)(3mm x 3mm)
1
7
8
9
10
4
3
2
6
5
FB
REG
SS
GND
LX
LX
BST
VIN
VIN
11
GND
SHDN
Figure 1. Pin Assignments of FR9855
Ordering Information
Description
The FR9855 is a synchronous step-down DC/DC
converter with fast constant on time (FCOT) mode
control. The device provides 4.5V to 18V input
voltage range and 5.5A continuous load current
capability. Operation frequency depends on Input
and output voltage condition. At light load condition,
the FR9855 can operate at power saving mode to
support high efficiency and reduce power loss.
The FR9855 fault protection includes cycle-by-cycle
current limit, short circuit protection, UVLO and
thermal shutdown. The soft-start function prevents
inrush current at turn-on. The FR9855 use fast
constant on time control that provides fast transient
response, the noise immunity and all kinds of very
low ESR output capacitor for ensuring performance
stabilization.
The FR9855 is offered in SOP-8 (Exposed Pad) and
TDFN-10 (3mm x 3mm) packages, which provides
good thermal conductance.
Features
Low RDS(ON) Integrated Power MOSFET
(70
mΩ/38mΩ)
Wide Input Voltage Range: 4.5V to 18V
Output Voltage Range: 0.765V to 8V
5.5A Output Current
FCOT Mode Enables Fast Transient Response
Pseudo 630kHz Frequency
Power Good Function (for SOP8-EP Only)
Input Under Voltage Lockout
Adjustable Soft Start Function
Cycle-by-Cycle Current Limit
Hiccup Short Circuit Protection
Over Temperature Protection with Auto Recovery
SOP-8 Exposed Pad and TDFN-10(3mmx3mm)
Packages
Applications
STB (Set-Top-Box)
LCD Display, TV
Distributed Power System
Networking, XDSL Modem
FR9855
□
Package Type
SP: SOP-8 (Exposed Pad)
DA: TDFN-10(3mm x 3mm)


Similar Part No. - FR9855

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FR9801 FITIPOWER-FR9801 Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9801S6CTR FITIPOWER-FR9801S6CTR Datasheet
1Mb / 14P
21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9806SPGTR FITIPOWER-FR9806SPGTR Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results

Similar Description - FR9855

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3608 LINER-LTC3608 Datasheet
372Kb / 24P
18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
2A, 18V, Synchronous Step-down DC/DC Converter
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9872 FITIPOWER-FR9872 Datasheet
726Kb / 13P
18V, 2.5A, 1.4MHz Synchronous Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6206B RICHTEK-RT6206B Datasheet
264Kb / 15P
5.5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
May 2015
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com