Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 12 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 12 Page - Fitipower Integrated Technology Inc.

Back Button FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 16Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
Application Information
Output Voltage Setting
The output voltage VOUT is set using a resistive
divider from the output to FB. The FB pin regulated
voltage is 0.765V. Thus the output voltage equation
is:
O T 0. 6
1
R1
R2
Table 3 lists recommended values of R1 and R2 for
most used output voltage.
Table 3
Recommended Resistance Values
VOUT
R1
R2
5V
118k
Ω
21k
Ω
3.3V
69.8k
Ω
21k
Ω
1.8V
28k
Ω
21k
Ω
1.2V
12k
Ω
21k
Ω
1.05V
7.87
kΩ
21
kΩ
Place resistors R1 and R2 close to FB pin to prevent
stray pickup.
Input Capacitor Selection
The use of the input capacitor is filtering the input
voltage ripple and the MOSFETS switching spike
voltage. Because the input current to the step-down
converter is discontinuous, the input capacitor is
required to supply the current to the converter to
keep the DC input voltage. The capacitor voltage
rating should be 1.25 to 1.5 times greater than the
maximum input voltage. The input capacitor ripple
current RMS value is calculated as:
C N(RM
O T
1
O T
N
Where D is the duty cycle of the power MOSFET.
This function reaches the maximum value at D=0.5
and the equivalent RMS current is equal to IOUT/2.
The
following
diagram
is
the
graphical
representation of above equation.
A low ESR capacitor is required to keep the noise
minimum.
Ceramic
capacitors
are
better,
but
tantalum or low ESR electrolytic capacitors may also
suffice.
When
using
tantalum
or
electrolytic
capacitors, a 0.1
μF ceramic capacitor should be
placed as close to the IC as possible.
Output Capacitor Selection
The output capacitor is used to keep the DC output
voltage and supply the load transient current.
When operating in constant current mode, the
output ripple is determined by four components:
R PPL
t
R PPL C t
R PPL
R t
R PPL (
L t
NO
t
The following figures show the form of the ripple
contributions.
VRIPPLE(ESR)(t)
+
VRIPPLE(ESL) (t)
+
VRIPPLE(C) (t)
+
VNOISE (t)
=
VRIPPLE(t)
0
0.5
1
1.5
2
2.5
3
10 20 30 40 50 60 70 80 90
D (%)
1A
3A
(t)
(t)
(t)
(t)
5.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com