Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FR9855 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
Typical Performance Curves (Continued)
VIN=12V, VOUT=1.2V, C1=10μFx2, C7=22μFx2, L1=1.5μH, TA=+25°C, unless otherwise noted. This is measured by using
FR9855SP.
IOUT=0A
20ms/div.
IOUT=5.5A
20ms/div.
Figure 23. Startup Through
H N Waveform
Figure 24. Startup Through
H N Waveform
IOUT=0A
4ms/div.
IOUT=5.5A
4ms/div.
Figure 25. Shutdown Through
H N Waveform
Figure 26. Shutdown Through
H N Waveform
IOUT=0.1A~5.5A
200
μs /div.
Figure 27. Load Transient Waveform
5V/div.
IL
1A/div.
VLX 5V/div.
VOUT
1V/div.
5V/div.
IL
5A/div.
VLX
5V/div.
VOUT
1V/div.
VOUT 1V/div.
IL
5A/div.
VLX
5V/div.
VOUT 1V/div.
IL
5A/div.
VLX
5V/div.
5V/div.
5V/div.
VOUT
50mV/div.
IL
2A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com