Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9855 Datasheet(PDF) 11 Page - Fitipower Integrated Technology Inc.

Part # FR9855
Description  18V, 5.5A Synchronous Step-Downn DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9855 Datasheet(HTML) 11 Page - Fitipower Integrated Technology Inc.

Back Button FR9855 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FR9855 Datasheet HTML 15Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FR9855-Preliminary 0.3-JAN-2016
FR9855
85T
Function Description
The FR9855 is a synchronous step-down DC/DC
converter with fast constant on time (FCOT) mode
control. It has integrated high-side (70
mΩ, typ and
low-side (38
mΩ, typ) power switches, and provides
5.5A continuous load current. It regulates input
voltage from 4.5V to 18V, and down to an output
voltage as low as 0.765V. Using FCOT control
scheme provides fast transient response, which can
minimize the component size without additional
external compensation network.
Enable/Mode
The FR9855
H N pin includes enable and mode
function. Enable function provides digital control to
turn on/off the converter. When the voltage of
H N
exceeds the threshold voltage, the converter starts
the soft start function. If the
H N pin voltage is
below than the shutdown threshold voltage, the
converter will turn into the shutdown mode and the
shutdown current will be smaller than 1μA. The
mode function can be selected in PWM or power
saving mode. The mode setting can refer to
following table.
Mode
>3.5V
Power Saving Mode
1.5V~2.5V
PWM
0V
Shutdown
For auto start-up operation, connect
H N to VIN
through a 100k
Ω resistor, and the converter can
automatically enter power saving mode.
Soft Start
The FR9855 employs adjustable soft start function
to reduce input inrush current during start up.
When the device turns on, a 6μA current begins
charging the capacitor which is connected from SS
pin to GND. The equation for the soft start time is
shown as below:
T
ms
C
nF
F
μA
The VFB voltage is 0.765V and the ISS current is 6μA.
If a 100nF capacitor is connected from SS pin to
GND, the soft-start time will be 12.75ms.
Input Under Voltage Lockout
When the FR9855 is power on, the internal circuits
are held inactive until VIN voltage exceeds the input
UVLO threshold voltage. And the regulator will be
disabled when VIN is below the input UVLO
threshold voltage. The hysteretic of the UVLO
comparator is 350mV (typ).
Over Current Protection
The FR9855 over current protection function is
implemented
using
cycle-by-cycle
current
limit
architecture. The inductor current is monitored by
Low-side
MOSFET.
When
the
load
current
increases, the inductor current also increases.
When the valley inductor current reaches the current
limit threshold, the output voltage starts to drop.
When the over current condition is removed, the
output voltage returns to the regulated value.
Short Circuit Protection
The
FR9855
provides
short
circuit
protection
function to prevent the device damage from short
condition. When the short condition occurs and the
feedback voltage drops lower than 0.33V, the
oscillator frequency will be reduced naturally and
hiccup mode will be triggered to prevent the inductor
current increasing beyond the current limit. Once the
short condition is removed, the frequency will return
to normal.
Over Temperature Protection
The FR9855 incorporates an over temperature
protection circuit to protect itself from overheating.
When the junction temperature exceeds the thermal
shutdown threshold temperature, the regulator will
be shutdown. And the hysteretic of the over
temperature protection is 30°C (typ).
Power Good Signal Output (PG)
PG pin is an open-drain output and requires a pull
up resistor. PG is actively held low in soft-start,
standby and shutdown. It is released when the
output
voltage
rises
above
90%
of
nominal
regulation point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com