Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 76 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 76 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 72Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 73Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 74Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 75Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 76Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 77Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 78Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 79Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 80Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 162 page
background image
Version 2.1
76
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Dynamic ODT
In certain application cases and to further enhance signal integrity on the data bus, it is desirable that the termination
strength of the DDR3(L) SDRAM can be changed without issuing an MRS command. This requirement is supported by the
“Dynamic ODT” feature as described as follows:
Functional Description
The Dynamic ODT Mode is enabled if bit (A9) or (A10) of MR2 is set to ‘1’. The function is described as follows:
Two RTT values are available: RTT_Nom and RTT_WR.
The value for RTT_Nom is preselected via bits A[9,6,2] in MR1.
The value for RTT_WR is preselected via bits A[10,9] in MR2.
During operation without write commands, the termination is controlled as follows:
Nominal termination strength RTT_Nom is selected.
Termination on/off timing is controlled via ODT pin and latencies ODTLon and ODTLoff.
When a Write command (WR, WRA, WRS4, WRS8, WRAS4, WRAS8) is registered, and if Dynamic ODT is enabled, the
termination is controlled as follows:
A latency ODTLcnw after the write command, termination strength RTT_WR is selected.
A latency ODTLcwn8 (for BL8, fixed by MRS or selected OTF) or ODTLcwn4 (for BC4, fixed by MRS or selected OTF) after the
write command, termination strength RTT_Nom is selected.
Termination on/off timing is controlled via ODT pin and ODTLon, ODTLoff.
The following table shows latencies and timing parameters which are relevant for the on-die termination control in Dynamic
ODT mode.
The dynamic ODT feature is not supported at DLL-off mode. User must use MRS command to set RTT_WR, MR2[A10,A9
= [0,0], to disable Dynamic ODT externally.
When ODT is asserted, it must remain high until ODTH4 is satisfied. If a Write command is registered by the SDRAM with
ODT high, then ODT must remain high until ODTH4 (BL=4) or ODTH8 (BL=8) after the Write command. ODTH4 and
ODTH8 are measured from ODT registered high to ODT registered low or from the registration of Write command until ODT
is register low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com