Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 87 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 87 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 83Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 84Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 85Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 86Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 89Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 90Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 91Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 162 page
background image
Version 2.1
87
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
ZQ Calibration Timing
Note:
1.
CKE must be continuously registered high during the calibration procedure.
2.
On-die termination must be disabled via the ODT signal or MRS during the calibration procedure.
3.
All devices connected to the DQ bus should be high impedance during the calibration procedure.
ZQ External Resistor Value, Tolerance, and Capacitive loading
In order to use the ZQ calibration function, a 240 ohm +/- 1% tolerance external resistor connected between the ZQ pin and
ground. The single resistor can be used for each SDRAM or one resistor can be shared between two SDRAMs if the ZQ
calibration timings for each SDRAM do not overlap. The total capacitive loading on the ZQ pin must be limited.
CK
CK
Tc2
T0
T1
Ta1
Ta3
Tb0
Tb1
Tc1
Ta0
Ta2
Tc0
Address
CMD
ZQCL
NOP
NOP
NOP
Valid
Valid
ZQCS
NOP
NOP
NOP
Valid
ODT
tZQCS
Valid
Valid
Valid
Valid
Valid
A10
CKE
Valid
Valid
Valid
Valid
Valid
Valid
(1)
(2)
(1)
(2)
DQ Bus
Hi-Z
Activities
Hi-Z
Activities
tZQinit or tZQoper
(3)
(3)
Do not
care
Time
Break



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com