Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 84 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 84 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 80Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 81Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 82Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 83Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 84Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 85Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 86Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 88Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 162 page
background image
Version 2.1
84
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Asynchronous to Synchronous ODT Mode transition during Power-Down Exit
If DLL is selected to be frozen in Precharge Power Down Mode by the se
tting of bit A12 in MR0 to “0”, there is also a
transition period around power down exit, where either synchronous or asynchronous response to a change in ODT must
be expected from the DDR3(L) SDRAM.
This transition period starts tANPD before CKE is first registered high, and ends tXPDLL after CKE is first registered high.
tANPD is equal to (WL -1) and is counted (backwards) from the clock cycle where CKE is first registered high.
ODT assertion during the transition period may result in an RTT change as early as the smaller of tAONPDmin and (ODT-
Lon*tCK+tAONmin) and as late as the larger of tAONPDmax and (ODTLon*tCK+tAONmax). ODT de-assertion during the tran-
sition period may result in an RTT change as early as the smaller of tAOFPDmin and (ODTLoff*tCK+tAOFmin) and as late as
the larger of tAOFPDmax and (ODToff*tCK+tAOFmax). Note that if AL has a large value, the range where RTT is uncertain
becomes quite large. The following figure shows the three different cases: ODT_C, asynchronous response before tANPD;
ODT_B has a state change of ODT during the transition period; ODT_A shows a state change of ODT after the transition
period with synchronous response.
Asynchronous to synchronous transition during Precharge Power Down (with DLL
frozen) exit (CL=6; AL=CL-1; CWL=5; tANPD=WL-1=9)
CK
CK
ODT_C
_sync
DRAM
_RTT_
C_sync
ODT_B
_tran
tAOFPDmax
tAOFPDmin
DRAM
_RTT_
B_tran
ODT_A
_async
DRAM_
RTT_A_
async
T0
T1
T2
Ta0
Ta1
Ta2
Ta3
Ta4
Ta5
Ta6
Tb0
Tb1
Tb2
Tc0
Tc1
Tc2
Td0
Do not
care
Time
Break
Transitioning
Td1
CMD
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
CKE
NOP
tXPDLL
PD exit transition period
RTT
RTT
tAOFPDmin
ODTLoff + tAOFmax
ODTLoff + tAOFmin
tAOFPDmax
tANPD
NOP
tAOFmax
RTT
ODTLoff
tAOFmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com