Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 45 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 45 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 41Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 42Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 43Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 44Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 45Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 46Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 47Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 48Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 49Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 162 page
background image
Version 2.1
45
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Timing detail of Write Leveling exit
Extended Temperature Usage
Nanya
’s DDR3(L) SDRAM supports the optional extended temperature range of 0°C to +95°C, TC. Thus, the SRT and ASR
options must be used at a minimum. The extended temperature range DRAM must be refreshed externally at 2X (double
refresh) anytime the case temperature is above +85°C (in supporting temperature range). The external refreshing
requirement is accomplished by reducing the refresh period from 64ms to 32ms. However, self refresh mode requires either
ASR or SRT to support the extended temperature. Thus either ASR or SRT must be enabled when TC is above +85°C or
self refresh cannot be used until the case temperature is at or below +85°C.
Mode Register Description
Field
Bits
Description
ASR
MR2(A6)
Auto Self-Refresh (ASR)
When enabled, DDR3(L) SDRAM automatically provides Self-Refresh power management functions for all
supported operating temperature values. If not enabled, the SRT bit must be programmed to indicate TOPER
during subsequent Self-Refresh operation.
0 = Manual SR Reference (SRT)
1 = ASR enable
SRT
MR2(A7)
Self-Refresh Temperature (SRT) Range
If ASR = 0, the SRT bit must be programmed to indicate TOPER during subsequent Self-Refresh operation. If
ASR = 1, SRT bit must be set to 0.
0 = Normal operating temperature range
1 = Extended operating temperature range
CK
CK
T0
T1
Ta0
Tc0
Tc1
Tc2
Td1
Te1
CMD
BA
tIS
tMOD
tMRD
ODT
RTT_DQS_DQS
DQS_DQS
Result = 1
tWLO
DQ
RTT_Nom
Td0
Te0
T2
Tb0
tAOFmin
tAOFmax
Transitioning
Time Break
Do not Care
Undefined
Driving Mode
NOP
NOP
NOP
NOP
NOP
NOP
NOP
MRS
NOP
Valid
NOP
Valid
MR1
Valid
Valid
tODTLoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com