Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 91 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 91 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 89Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 90Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 91Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 92Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 93Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 94Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 95Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 162 page
background image
Version 2.1
91
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
AC & DC Input Measurement Levels
DDR3 AC and DC Logic Input Levels for Command and Address
Symbol
Parameter
DDR3
U
ni
t
Notes
800,1066,1333,1600
1866,2133
Min
Max
Min
Max
VIH.CA(DC100)
DC input logic high
Vref + 0.1
VDD
Vref + 0.1
VDD
V
1, 5
VIL.CA(DC100)
DC input logic low
VSS
Vref - 0.1
VSS
Vref - 0.1
V
1, 6
VIH.CA(AC175)
AC input logic high
Vref + 0.175
Note 2
-
-
V
1, 2, 7
VIL.CA(AC175)
AC input logic low
Note 2
Vref - 0.175
-
-
V
1, 2, 8
VIH.CA(AC150)
AC input logic high
Vref + 0.150
Note 2
-
-
V
1, 2, 7
VIL.CA(AC150)
AC input logic low
Note 2
Vref - 0.150
-
-
V
1, 2, 8
VIH.CA(AC135)
AC input logic high
-
-
Vref + 0.135
Note 2
V
1, 2, 7
VIL.CA(AC135)
AC input logic low
-
-
Note 2
Vref - 0.135
V
1, 2, 8
VIH.CA(AC125)
AC input logic high
-
-
Vref + 0.125
Note 2
V
1, 2, 7
VIL.CA(AC125)
AC input logic low
-
-
Note 2
Vref - 0.125
V
1, 2, 8
VRefCA(DC)
Reference Voltage for ADD,
CMD inputs
0.49 * VDD
0.51 * VDD
0.49 * VDD
0.51 * VDD
V
3, 4, 9
NOTE 1. For input only pins except
REET. Vref = VrefCA(DC).
NOTE 2. See “Overshoot and Undershoot Specifications” .
NOTE 3. The ac peak noise on VRef may not allow VRef to deviate from VRefCA(DC) by more than +/-1% VDD (for reference: approx. +/- 15 mV).
NOTE 4. For reference: approx. VDD/2 +/- 15 mV.
NOTE 5. VIH(dc) is used as a simplified symbol for VIH.CA(DC100)
NOTE 6. VIL(dc) is used as a simplified symbol for VIL.CA(DC100)
NOTE 7. VIH(ac) is used as a simplified symbol for VIH.CA(AC175), VIH.CA(AC150), VIH.CA(AC135), and VIH.CA(AC125); VIH.CA(AC175)
value is used when Vref + 0.175V is referenced, VIH.CA(AC150) value is used when Vref + 0.150V is referenced, VIH.CA(AC135) value
is used when Vref + 0.135V is referenced, and VIH.CA(AC125) value is used when Vref + 0.125V is referenced.
NOTE 8. VIL(ac) is used as a simplified symbol for VIL.CA(AC175), VIL.CA(AC150), VIL.CA(AC135) and VIL.CA(AC125); VIL.CA(AC175) value
is used when Vref - 0.175V is referenced, VIL.CA(AC150) value is used when Vref - 0.150V is referenced, VIL.CA(AC135) value is used
when Vref - 0.135V is referenced, and VIL.CA(AC125) value is used when Vref - 0.125V is referenced.
NOTE 9. VrefCA(DC) is measured relative to VDD at the same point in time on the same device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com