Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 85 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 85 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 81Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 82Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 83Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 84Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 85Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 86Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 89Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 162 page
background image
Version 2.1
85
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Asynchronous to Synchronous ODT Mode during short CKE high and short CKE low
periods
If the total time in Precharge Power Down state or Idle state is very short, the transition periods for PD entry and PD exit
may overlap. In this case, the response of the DDR3(L) SDRAMs RTT to a change in ODT state at the input may be
synchronous or asynchronous from the state of the PD entry transition period to the end of the PD exit transition period
(even if the entry ends later than the exit period).
If the total time in Idle state is very short, the transition periods for PD exit and PD entry may overlap. In this case, the
response of the DDR3(L) SDRAMs RTT to a change in ODT state at the input may be synchronous or asynchronous from
the start of the PD exit transition period to the end of the PD entry transition period. Note that in the following figure, it is
assumed that there was no Refresh command in progress when Idle state was entered.
Transition period for short CKE cycles with entry and exit period overlapping
(AL=0; WL=5; tANPD=WL-1=4)
CK
CK
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
T12
T13
T14
tANPD
Do not
care
Transitioning
CKE
CMD
REF
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
PD exit transition period
tANPD
tXPDLL
PD entry transition period
tRFC(min)
CKE
Short CKE high transition period
tXPDLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com