Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 89 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 89 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 85Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 86Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 89Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 90Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 91Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 92Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 93Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 162 page
background image
Version 2.1
89
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Temperature Range
Condition
Parameter
Value
Unit
Notes
Commercial
Normal Operating Temperature Range
0 ≤Toper ≤ 85
C
1
Extended Temperature Range
85 < Toper
≤ 95
C
1,2
Quasi Industrial
Normal Operating Temperature Range
-40
≤ Toper ≤ 85
C
1
Extended Temperature Range
85 < Toper
≤ 95
C
1,2
Industrial
Normal Operating Temperature Range
-40
≤ Toper ≤ 85
C
1
Extended Temperature Range
85 < Toper
≤ 95
C
1,2
Automotive Grade 2
Normal Operating Temperature Range
-40
≤ Toper ≤ 85
C
1
Extended Temperature Range
85 < Toper
≤ 105
C
1,2
Automotive Grade 3
Normal Operating Temperature Range
-40
≤ Toper ≤ 85
C
1
Extended Temperature Range
85 < Toper
≤ 95
C
1,2
Note:
1. Operating Temperature Toper is the case surface temperature on the center/top side of the DRAM.
2. Some applications require operation of the DRAM in the Extended Temperature Range
a) Refresh commands must be doubled in frequency, therefore, reducing the Refresh interval tREFI to 3.9us.
b) If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use the Manual
Self-Refresh mode with Extended Temperature Range capability (MR2 A6=0 and MR2 A7=1) or enable the optional Auto
Self-Refresh mode (MR2 A6=1 and MR2 A7=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com