Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 24 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 24 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 20Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 21Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 22Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 23Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 24Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 25Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 26Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 27Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 28Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 162 page
background image
Version 2.1
24
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Write leveling
For better signal integrity, DDR3(L) memory module adopted fly by topology for the commands, addresses, control signals,
and clocks. The fly by topology has benefits from reducing number of stubs and their length but in other aspect, causes
flight time skew between clock and strobe at every DRAM on DIMM. It makes difficult for the Controller to maintain tDQSS,
tDSS, and tDSH specification. Therefore, the controller should support ‘write leveling’ in DDR3(L) SDRAM to compensate
for skew.
Output Disable
The DDR3(L) SDRAM outputs maybe enable/disabled by MR1 (bit12) as shown in MR1 definition. When this feature is
enabled (A12=1) all output pins (DQs, DQS,
, etc.) are disconnected from the device removing any loading of the
output drivers. This feature may be useful when measuring modules power for example. For normal operation A12 should
be set to ‘0’.
TDQS,
T
TDQS (Termination Data Strobe) is a feature of x8 DDR3(L) SDRAM that provides additional termination resistance outputs
that may be useful in some system configurations.
When enabled via the mode register, the same termination resistance function is applied to be TDQS/
T pins that are
applied to the DQS/
 pins.
In contrast to the RDQS function of DDR2 SDRAM, TDQS provides the termination resistance function only. The data
strobe function of RDQS is not provided by TDQS.
The TDQS and DM functions share the same pin. When the TDQS function is enabled via the mode register, the DM
function is not supported. When the TDQS function is disabled, the DM function is provided and the
T pin is not used.
The TDQS function is available in x8 DDR3(L) SDRAM only and must be disabled via the mode register A11=0 in MR1 for
x16 configurations.
TDQS,
T Function Matrix
MR1 (A11)
DM / TDQS
NU / TDQS
0 (TDQS Disabled)
DM
Hi-Z
1 (TDQS Enabled)
TDQS
T
Note:
1. If TDQS is enabled, the DM function is disabled.
2. When not used, TDQS function can be disabled to save termination power.
3. TDQS function is only available for x8 DRAM and must be disabled for x16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com