Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 101 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 101 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 97Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 98Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 99Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 100Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 101Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 102Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 103Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 104Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 105Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 162 page
background image
Version 2.1
101
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Single-ended levels for CK, DQS, DQSL, DQSU,
, , L, or U
Symbol
Parameter
DDR3-800, DDR3(L)-1066, 1333, & 1600
Unit
Notes
Min.
Max.
VSEH
Single-ended high-level for strobes
(VDDQ/2) + 0.175
note3
V
1, 2
Single-ended high-level for CK,

(VDDQ/2) + 0.175
note3
V
1, 2
VSEL
Single-ended low-level for strobes
note3
(VDDQ/2) - 0.175
V
1, 2
Single-ended Low-level for CK,

note3
(VDDQ/2) - 0.175
V
1, 2
Note:
1. For CK,
 use VIH/VIL(ac) of ADD/CMD; for strobes (DQS, DQSL, DQSU, CK, , L, or U) use VIH/VIL(ac) of DQs.
2. VIH(ac)/VIL(ac) for DQs is based on VREFDQ; VIH(ac)/VIL(ac) for ADD/CMD is based on VREFCA; if a reduced ac-high or ac-low
level is used for a signal group, then the reduced level applies also there.
3. These values are not defined, however the single-ended signals CK,
, DQS, , DQSL, L, DQSU, U need to be within
the respective limits (VIH(dc)max, VIL(dc)min) for single-ended signals as well as limitations for overshoot and undershoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com