Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 109 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 109 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 105Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 106Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 107Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 108Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 109Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 110Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 111Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 112Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 113Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 162 page
background image
Version 2.1
109
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Overshoot and Undershoot Specifications
AC Overshoot/Undershoot Specification for Address and Control Pins
-
800
1066
1333
1600
1866
2133
Unit
Maximum peak amplitude allowed for overshoot area
0.4
0.4
0.4
0.4
0.4
0.4
V
Maximum peak amplitude allowed for undershoot area.
0.4
0.4
0.4
0.4
0.4
0.4
V
Maximum overshoot area above VDD
0.67
0.5
0.4
0.33
0.28
0.25
V-ns
Maximum undershoot area below VSS
0.67
0.5
0.4
0.33
0.28
0.25
V-ns
NOTE 1. The sum of the applied voltage (VDD) and peak amplitude overshoot voltage is not to exceed absolute maximum DC ratings
NOTE 2. The sum of applied voltage (VDD) and the peak amplitude undershoot voltage is not to exceed absolute maximum DC ratings
VDD
VSS
Overshoot Area
Undershoot Area
Maximum Amplitude
Maximum Amplitude
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com