Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 12 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPBA02A Datasheet HTML 8Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 9Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 10Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 11Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 12Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 15Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
12
JAN. 06, 2011
Version: 1.6
Speed up XOR register timing:
The command byte: C7=1; C6=device option value; C5-4=11;
C3-0=register address. The speed up XOR data byte: D7-0 is
the value that will be XOR with the corresponding 0xH register’s
value and then be written to the corresponding 0xH register. In
speed up XOR register cycles, the output pin (MISO) remains in
high impedance state.
Read register or read IO port timing:
The command byte: C7=0, C6=device option value, C5-4=00,
C3-0=register address. The read data byte: D7-0 is the value
that will be read from the corresponding register or corresponding
IO ports. In read register or IO port cycles, the read data byte is
transmitted via output pin (MISO) during the last 8 SCK clock
cycles. After the 16th SCK clock, MISO remains the value of B0
until CSB is high.
5.3.2. SPI Synchronous Data Timing Specifications
CSB
SCK
MOSI
MISO
valid
data
HI-Z
tCSS
......
......
......
valid
data
HI-Z
tWH
tWL
tCSH
tCS
tSU tH
tV
tHO
tDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com