Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPBA02A Datasheet HTML 10Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 11Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 12Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 15Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 16Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 17Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
14
JAN. 06, 2011
Version: 1.6
PIN
Pull High/Low Resistance@VDDIO=5V
IN
OUT Current @VDDIO=3V
PC7
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PC6
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PC5
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PC4
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PC3
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PC2
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PC1
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PC0
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
5.4.1. I/O Cell Configuration
Mode: output high, output low, input with PL, input with PH, input with high Z, open drain NMOS output, open drain PMOS output.
IO function:
5.4.2. Combination IO Status to Archive IO Function
ATTX
DIRX
BUFX
IO status
Function
0
0
0
Floating(default)
Floating input
0
0
1
Pull low
Pull low input
1
0
1
Pull high
Pull high input
0
1
0
Output low
0
1
1
Output high
Buffer output
1
0
0
Floating
1
1
0
Output high
Open drain P-MOS output
1
0
1
Pull high
1
1
1
Output low
Wire AND (inverted)
0
1
0
Output low
0
0
0
Floating
Open drain N-MOS output (inverted)
0
0
1
Pull low
0
1
1
Output high
Wired OR
0
0
0
Floating
0
0
1
Pull low
Dynamic pull low input
1
0
0
Floating
1
0
1
Pull high
Dynamic pull high input
1
1
0
Output high
1
1
1
Output low
Inverted buffer output
Input with high Z:
As shown in the above I/O Cell Configuration table and Control
Registers table, the default values of all these registers are 0.
And the default states of all these I/O ports are input with high Z.
If PA/B/Cx is expected to set as input with high Z port (floating),
the
corresponding
Bx
of
00H/01H/02H
(BUFA/B/C)
and
04H/05H/06H (DIRA/B/C) both should be cleared as 0. In this
case, the values of corresponding ATTA/B/Cx bit do not have to
consider it.
PAD
ATTx= 0 or 1
DIRx= 0
BUFx= 0
DATx
Input with pull high resistor (PH):
As shown in the above I/O Cell Configuration table and Control
Registers table, each I/O port can be set as Input with pull high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com