Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPBA02A Datasheet HTML 4Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 5Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 6Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 7Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 8Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 9Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 10Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 11Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
8
JAN. 06, 2011
Version: 1.6
5.1.4. Waveform of SPI Pins
The following diagram shows that when the host writes data into
or reads data from this I/O extender, it will send a low voltage
chip-selecting signal on CSB pin.
And the host needs to
generate 16 clock pulses on SCK pin for a data frame’s
synchronization. The CSB should keep in low voltage until this
data frame transmission is done (It is suggested the CSB should
keep in low voltage at least half a SCK clock cycle after the 16th
pulse). And when the host starts a new data frame transmission,
the CSB signal should change from high voltage to low voltage.
It means that the CSB cannot maintain in low voltage even if the
host transmits two or more data frames continuously. The CSB
needs shift to high voltage between every two data frames
transmission.
The I/O extender receives command-byte and
writing-byte via MOSI pin, and transmits reading-byte via MISO
pin.
5.2. Control Registers
As shown in the registers list, the address can be represented by
6 bits binary data (suppose to be B [5:0]). For the normal I/O
operation, users can write data into address 0xH (B[5:4]=00)
registers (BUFA/B/C, DIRA/B/C and ATTA/B/C) to achieve various
IO functions, and read data from address 0xH (AB5-4=00)
registers (BUFA/B/C, DIRA/B/C and ATTA/B/C) and ports
(DATA/B/C) to obtain register and IO ports states.
In order to speed up I/O operation, GPBA02A provides some
special designed registers to help users to reduce operation time.
Users can write data to address 1xH (AB5-4=01) registers
(BUFA/B/C, DIRA/B/C and ATTA/B/C) to speed up AND operation
for these corresponding 0xH registers. Users can write data to
address 2xH (AB5-4=10) registers (BUFA/B/C, DIRA/B/C and
ATTA/B/C) to speed up OR operation for these corresponding 0xH
registers.
Users can write data to address 3xH (AB5-4=11)
registers (BUFA/B/C, DIRA/B/C and ATTA/B/C) to speed up XOR
operation for these corresponding 0xH registers.
Control registers list:
Function
Address
B7
B6
B5
B4
B3
B2
B1
B0
Comment
Default
00H(R/W)
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
BUFA
00
01H(R/W)
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
BUFB
00
02H(R/W)
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
BUFC
00
03H(R/W)
-
-
-
-
-
-
-
-
N/A
--
04H(R/W)
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
DIRA
00
05H(R/W)
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
DIRB
00
06H(R/W)
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
DIRC
00
07H(R/W)
-
-
-
-
-
-
-
-
N/A
--
08H(R/W)
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
ATTA
00
09H(R/W)
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
ATTB
00
0AH(R/W)
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
ATTC
00
IO Port
0BH(R/W)
-
-
-
-
-
-
-
-
N/A
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com