Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 18 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 18 Page - Generalplus Technology Inc.

Back Button GPBA02A Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 15Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 16Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 17Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 18Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 19Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 20Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 21Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
18
JAN. 06, 2011
Version: 1.6
6. ELECTRICAL SPECIFICATION
6.1. Item Definition
Symbol
Definition
Symbol
Definition
VIH
Input High Voltage
RLOW
Pull low Resistor value
VIL
Input Low Voltage
IOH
Output High Current (Source)
IOP
Operation Voltage
IOL
Output Low Current (Sink)
RHIGH
Pull high Resistor value
IZ
Output Leakage Current (Source)
6.2. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to +85℃
I/O Total MAX Current
IM
-120mA/400mA
LQFP44 Thermal resistance
Junction to Case
θJC
20°C/W
LQFP44 Thermal resistance
Junction to Ambient
θJA
55°C/W
Note:
Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or damage to the device. For normal operational
conditions, please see DC Electrical Characteristics.
6.3. DC Characteristics (TA = 25℃)
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage1
VDDIO_A
2.2
-
5.5
V
-
Operating Voltage2
VDDIO_C
2.2
-
5.5
V
-
Operating Voltage3
VDD
2.2
-
5.5
V
-
Operating Current
IOP
-
-
100
μA
VDDIO_X, VDD=5.5V, SCK=6MHz
Standby Current
ISTB
-
-
1.0
μA
VDDIO_X, VDD=5.5V, CSB=VDD
Input High Voltage
(PA[7:0], PB[7:0], PC[7:0])
VIH
0.7*VDDIO_X
-
-
V
VDDIO_X = 3.0V
Input Low Voltage
(PA[7:0], PB[7:0], PC[7:0])
VIL
-
-
0.3*VDDIO_X
V
VDDIO_X = 3.0V
Output High Voltage
(PA[7:0], PB[7:0], PC[7:0])
VOH
2.5
-
-
V
VDDIO_X = 3.0V
IOH = -8mA
Output Sink Voltage
(PA[7:0], PB[7:0], PC[7:0])
VOL
-
-
0.5
V
VDDIO_X = 3.0V
IOL = 20mA
Pull High Resistor
(PA[7:0], PB[7:0], PC[7:0])
RHIGH
-
100
-
k
Ω
VDDIO_X =5.0V
Pull Low Resistor
(PA[7:0], PB[7:0], PC[7:0])
RLOW
-
100
-
k
Ω
VDDIO_X = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com