Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPBA02A Datasheet HTML 7Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 8Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 9Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 10Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 11Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 12Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
11
JAN. 06, 2011
Version: 1.6
5.3. Timing Diagram for SPI Control
5.3.1. I/O Operation Function Timing
Write register timing:
The command byte: C7=1; C6=device option value; C5-4=00;
C3-0=register address. The write data byte: D7-0 is the value
that will be written to the corresponding register. In write register
cycles, the output pin (MISO) remains in high impedance state.
Speed up AND register timing:
The command byte: C7=1; C6=device option value, C5-4=01,
C3-0=register address. The speed up AND data byte: D7-0 is the
value that will be AND with the corresponding 0xH register’s value
and then be written to the corresponding 0xH register. In speed
up AND register cycles, the output pin (MISO) remains in high
impedance state.
Speed up OR register timing:
The command byte: C7=1; C6=device option value; C5-4=10;
C3-0=register address. The speed up OR data byte: D7-0 is the
value that will be OR with the corresponding 0xH register’s value
and then be written to the corresponding 0xH register. In speed
up OR register cycles, the output pin (MISO) remains in high
impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com