Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPBA02A Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 15Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 16Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 17Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 18Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 19Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 20Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 21Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
21
JAN. 06, 2011
Version: 1.6
9. REVISION HISTORY
Date
Revision #
Description
Page
JAN. 06, 2010
1.6
1. Update read timing diagram
2. Modify product number
3. Remove wakeup function description.
12
20
3, 7, 8,12, 13, 16
JUN. 03, 2010
1.5
1. Modify 5.4.3 Special functions: Wakeup source function.
18
OCT. 06, 2008
1.4
1. Modify 4.SIGNAL DESCRIPTION.
2. Modify 6.2 Absolute Maximum Ratings.
4
20
APR. 28, 2008
1.3
Modify 6.3 DC Characteristics (TA = 25℃).
20
AUG. 28, 2007
1.2
Add “LQFP44 Thermal resistance Junction to Case” and “LQFP44 Thermal
resistance Junction to Ambient” to section 6.2.
23
AUG. 15, 2007
1.1
1. Modify “SIGNAL DESCRIPTION” in section 4.
2. Add “Pin Map” to section 4.1.
3. Modify “Ordering Information” in section 7.2.
4. Add “Package Information” to section 7.3.
4
5
20
21
JUL. 31, 2007
1.0
Modify the “DC Characteristics (TA = 25℃)” in section 6.3.
18
JUL. 05, 2007
0.1
Preliminary Data Sheet.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com