Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 19 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 19 Page - Generalplus Technology Inc.

Back Button GPBA02A Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 15Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 16Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 17Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 18Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 19Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 20Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 21Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
19
JAN. 06, 2011
Version: 1.6
7. PACKAGE/PAD LOCATIONS
7.1. Ordering Information
Product Number
Package Type
GPBA02A -C
Chip form
GPBA02A-HL01x
Green Package - LQFP 44 RoHS
Note1:
x = 1 - 9, serial number.
7.2. Package Information
LQFP 44
Dimension in Millimeter
Symbol
Min.
Nom.
Max.
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
c1
0.09
-
0.16
D
12.00 BSC
D1
10.00 BSC
E
12.00 BSC
E1
10.00 BSC
e
0.80 BSC
b
0.30
0.37
0.45
L
0.45
0.60
0.75
L1
1.00 REF
θ°
0°
3.5°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com