Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A Datasheet(PDF) 3 Page - Generalplus Technology Inc.

Part # GPBA02A
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A Datasheet(HTML) 3 Page - Generalplus Technology Inc.

  GPBA02A Datasheet HTML 1Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 2Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 3Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 4Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 5Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 6Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 7Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 8Page - Generalplus Technology Inc. GPBA02A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
3
JAN. 06, 2011
Version: 1.6
I/O Extender
1. GENERAL DESCRIPTION
GPBA02A, a newly invented I/O Extender for micro-controller
extends I/O pads usage. It equips with a standard SPI (Mode 0)
communication-processing block, and combines with 24 I/O ports.
With high-speed bit AND/OR/XOR capability for each bit in internal
configuration registers, I/Os’ status can be modified within fewer
host CPU cycles. These I/Os are provided with strong driver
ability to drive LED directly. More details are described as follow.
2. FEATURES
Operating Voltage
–
Chip operating voltage (VDD): 2.2V – 5.5V
–
I/O operating voltage (VDDIO): 2.2V – 5.5V
Standard SPI(Mode 0)Interface
–
4 pins for SPI communication
–
Chip select signal CSB as transmit enable signal
–
Serial clock SCK (max 6MHz) as data synchronization
signal for transmitting and receiving
–
Receives command and data from host via MOSI pin
–
Transmits data to host via MISO pin
24 I/Os
–
24 bi-directional I/O lines
–
Users can set the corresponding registers to select pull
high/low resistors, or buffer/open-drain outputs.
–
Users can write the corresponding registers to execute
high-speed AND/OR/XOR function for each bit in those I/O
configuration registers.
Reset Management
–
Power on reset
–
Software control reset
3. BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com