Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
TC9205M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
TxData3_7
GMII transmit data - bit 7
Y17
EnIPPr
I/Opd
Enables IP prioritization. CoS resolution will consider TOS
Precedence bits from IP Header.
‘1’ – IP priority will be taken into consideration
‘0’ – IP priority will be neglected
EnIPPr is latched on reset
TxData3_6
GMII transmit data - bit 6
W17
IPTosMap1
I/Opd
IP type of service mapping - the most significant bit
IPTosMap(1) is latched on reset
TxData3_5
GMII transmit data - bit 5
V17
IPTosMap0
I/Opu
IP type of service mapping - the least significant bit. This
configuration chooses between 4 hard-wired mapping schemes for
the associations of IP priority within the received packet and one of
the 4 priority levels set by PriClass.
In case the receiving port already has a priority level assigned by
PriClass configuration, or the VLAN prioritization is also active, a
resolution function is used for the final priority class.
IPTosMap(0) is latched on reset.
TxData3_4
GMII/MII transmit data - bit 4
Y16
EnVLANPr
I/Opu
Enables VLAN prioritization. CoS resolution will consider user priority
bits (TCI field) from 802.1Q VLAN Tag Header.
‘1’ – VLAN priority will be taken into consideration
‘0’ – VLAN priority will be neglected
EnVLANPr is latched on reset
TxData3_3
GMII/MII transmit data - bit 3
W16
VLANPrMap1
I/Opd
VLAN priority mapping
VLANPrMap(1)is latched on reset.
G17 Vdd 3.3
P
Digital +3.3V power supply for I/O
TxData3_2
GMII/MII transmit data - bit 2
V16
VLANPrMap0
I/Opu
VLAN priority mapping
This configuration chooses between 4 hard-wired mapping schemes
for the associations of VLAN priority within the received packet and
one of the 4 priority levels set by PriClass.
In case the receiving port already has a priority level assigned by
PriClass configuration, or the IP prioritization is also active, a
resolution function is used for the final priority class.
VLANPrMap(0)is latched on reset.
TxData3_1
GMII/MII transmit data - bit 1
V15
PriClass3_1
I/Opd
Priority class - most significant bit.
PriClass[3] is latched on reset
TxData3_0
GMII/MII transmit data - least significant bit
W15
PriClass3_0
I/Opu
Priority class - least significant bit. Sets priority level per port basis.
PriClass[3] - '00' - port 3 low priority
PriClass[3] - '01' - port 3 has normal priority
PriClass[3] - '10' - port 3 has high priority
PriClass[3] - '11' - port 3 has very high priority
PriClass[3] is latched on reset
Confidential.
10/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com