Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 44Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 45Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 46Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 47Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 48Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 49Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 50Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 51 page
background image
TC9205M
Preliminary Data Sheet
Confidential.
51/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03
13 Package Detail
A
D
C
B
E
F
G
H
J
K
L
P
N
M
R
T
U
V
W
Y
1
3
5
7
9
1113 151719
4
26
8 10
14
12
16 18 20
B
B
e
E1
D1
A
C
A1
2
A
A2
A'
DETAIL A'
e
ddd C
Note:
1. CONTROLLING DIMENSION : MILLIMETER.
2. PRIMARY DATUM C AND SEATING PLANE ARE DEFINED
BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
3. DIMENSION b IS MEASURED AT THE MAXIMUM SOLDER
BALL DIAMETER, PARALLEL TO PRIMARY DATUM C.
4. THERE SHALL BE A MINIMUM CLEARANCE OF 0.25 mm
BETWEEN THE EDGE OF THE SOLDER BALL AND THE
BODY EDGE.
E3 E2 E
D3
D2
D
0.30
0.10
C
C
A B
S
S
3
b
DETAIL B
Symbol
Min.
Nom.
Max.
Nom.
Max.
Min.
Dimensions In mm
Dimensions In inch
2.20
0.092
0.098
2.33
2.50
0.087
A
------
0.024
------
0.60
------
------
A1
1.12
0.046
0.048
1.17
1.22
0.044
A2
------
0.030
------
0.75
------
------
b
0.51
0.022
0.024
0.56
0.61
0.020
c
26.80
1.063
1.071
27.00
27.20
1.055
D
------
0.950
------
24.13
------
------
D1
23.80
0.945
0.953
24.00
24.20
0.937
D2
17.95
0.709
0.711
18.00
18.05
0.707
D3
26.80
1.063
1.071
27.00
27.20
1.055
E
------
0.950
------
24.13
------
------
E1
23.80
0.945
0.953
24.00
24.20
0.937
E2
17.95
0.709
0.711
18.00
18.05
0.707
E3
------
0.050
------
1.27
------
------
e
------
------
0.006
------
0.15
------
ddd
30° TYP
30° TYP
IC Plus Corp.
Headquarters
Sales Office
10F, No.47, Lane 2, Kwang-Fu Road, Sec. 2,
4F, No. 106, Hsin-Tai-Wu Road, Sec.1,
Hsin-Chu City, Taiwan 300, R.O.C.
Hsi-Chih, Taipei Hsien, Taiwan 221, R.O.C.
TEL : 886-3-575-0275
FAX : 886-3-575-0475
TEL : 886-2-2696-1669
FAX : 886-2-2696-2220
Website: www.icplus.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com