Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 17Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
TC9205M
Preliminary Data Sheet
2.2
Transmit MAC
The Transmit MAC section assembles the MAC frames stored in the transmit FIFO and controls their
transmission onto the media via external PHY entities. It appends the standard preamble and start of
frame delimiter to the transmitted packets. The MAC also controls the interframe gap time during
transmission, maintaining for default the standard minimum interframe gap of 96-bit time. This value can
be changed in the EEPROM register setting.
For Half Duplex mode the Transmit MAC meets CSMA/CD IEEE 802.3 requirements. The FIFO logic
manages frame retransmission for early collision conditions or discards the frame if late collision occurs.
It also follows the truncated binary exponential backoff algorithm, collision and jamming procedures.
The transmit FIFO stores the packets which are ready for transmission in the main memory queues. If
there is no packet ready in the transmit FIFO before the current packet completes its transmission, an
underrun condition has occurred and the mechanism will generate a signal to indicate FIFO underrun
event, but if the switch core transfers the rest of the packet(s) into the FIFO, the Transmit MAC will safely
discard it without affecting the next packet. Underrun conditions never occur if the system is operating at
the recommended clock frequency or higher.
For full duplex mode TC9205M implements the flow control algorithm according to the IEEE 802.3x standard,
using the XON/XOFF method. Full duplex flow control can be configured automatically, by auto-negotiation
result, or manually, pin configuration and/or EEPROM settings, to enable/disable the function.
The TC9205M executes backpressure algorithm for half duplex flow control supporting both collision
based and carrier based backpressure. Both modes are based on carrier sense forced collisions and an
aggressive backoff algorithm. The forced consecutive collisions generated for flow control purposes can
be limited to a maximum of 28 collisions if this option is selected. This feature helps to avoid HUB
partitioning in heavy traffic. The number of collisions can be adjusted in EEPROM settings.
MAC Block Diagram
Rx FIFO
Rx MAC
Tx MAC
Flow
Control
Tx FIFO
Fifo Control Logic
System Interface
MAC
RMII
PHY Layer
RMII Rx Data (2)
Tx Data (64)
FC Insert
Tim e Value (16)
Rx Data (64)
RMII Tx Data (2)
Confidential.
16/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com