Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 27Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 28Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 29Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 30Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 31Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 33Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
TC9205M
Preliminary Data Sheet
10.3.3
Port [X] IFG Configuration Register
Confidential.
31/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03
- Addresses: 19h – 1dh
7 6 5 4 3 2 1 0
IFGConfig
RedGbBndw
GbBndwSel
not used
IFGConfigP[x]
Bit(s)
Field
Description
3 - 0
IFGConfig
Interframe Gap Configuration
4
RedGbBndw
Reduced gigabit bandwidth
6 - 5
GbBndwSel
Gigabit bandwidth selection
7
not used
not used
IFGConfig
These bits are used to set the minimum IFG with 32 bit time resolution. The default
matches the standard minimum IFG of 96 bit time: ‘0011’ (3).
IFGConfig
IFG (bit time)
0001
32
0010
64
0011
96 (default)
0100
128
…
…
1111
480
0000
512
RedGbBndw
Setting this bit to '1', will enable a 1000Mbps port to reduce its transmission
bandwidth to the percentage indicated by the GbBndwSel field. Setting this bit to
‘0’, the GbBndwSel field will be meaningless and the port will make use of its full
transmission bandwidth. This bit is in effect only when the port’s speed mode is
1000Mbps. Default is ‘0’.
GbBndwSel
Transmission bandwidth enforcement when in 1000 Mbps mode.
GbBndwSel
Transmission bandwidth
00
50%
01
66%
10
80%
11
90%
This feature can be used to avoid congestion in some LAN nodes without flow
control capabilities or to avoid server overloads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com