Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9205M-DS-R02 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R02
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R02 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R02 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC9205M-DS-R02 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
TC9205M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
U18 RxData4_6
Is
GMII receive data - most significant nibble
U19 RxData4_7
Is
GMII receive data - most significant nibble
D14 Vdd 3.3
P
Digital +3.3V power supply for I/O
E19 FullBp
Ipd
In normal operation the backpressure process is executed until flow
control condition disappears or until the time limit for backpressure is
reached. This limit is based on EEPROM’s BPTimeValue register.
When this configuration is ‘0’ the backpressure process will be also
limited from exceeding 28 consecutive collisions. The default value
(28) can be changed by EEPROM settings.
FullBp is latched on reset
E20 CarrBp
Ipu
Enable / disable carrier based backpressure for half -duplex mode.
'1' – Carrier based backpressure
‘0' – Collision based backpressure.
CarrBp is latched on reset
F18
DisBkPr
Ipd
Setting this pin to ‘1’ will disable backpressure procedure for all half
duplex ports. DisBkPr is latched on reset.
E17 TxEr5
I/Opd Transmit Error
TxData5_3
MII transmit data - bit 3
F20
FrcFdFc
I/Opd
Setting this bit to ‘1’ will force flow control execution for 10/100Mbps,
no matter the auto negotiation result. FrcFdFc is latched on reset.
D10 Vss 3.3
G
Digital ground for I/O
TxData5_2
MII transmit data - bit 2
G20
DisFdFc
I/Opd
Setting this bit to '1' will disable flow-control for full-duplex mode
(transmission of pause frames).
DisFdFc is latched on reset.
G19 TxData5_1
I/pd
MII transmit data - bit 1
G18 TxData5_0
I/pd
MII transmit data - least significant bit
TxEn5
MII transmit enable
E18
DisBPBk
I/Opd
Enable / disable backoff during backpressure.
'1' – No backoff executed. Another collision will be forced again after
one minimum IFG time following previous collision if carrier sense
is observed.
'0' – The MAC randomly chooses between 0 and 1 slot times of backoff.
DisBkBp is latched on reset.
H19 RxEr5
Is
Receive Error
D13 Vdd 2.0
P
Digital +2.0V power supply for core
H18 Txclk5
I
MII transmit clock
D12 Vss 2.0
G
Digital ground for core
J17
RxClk5
I
MII receive clock
H20 RxDv5
Is
MII/MII data valid
M20 Crs5
Is
MII carrier sense indication
M19 Col5
Is
MII collision indication
L20
RxData5_0
Is
MII receive data - least significant nibble.
MII receive data
Confidential.
13/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com